Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2250CSZ-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2250CSZ-T13
Description  125MHz Single Supply Dual/Quad Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2250CSZ-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2250CSZ-T13 Datasheet HTML 6Page - Intersil Corporation EL2250CSZ-T13 Datasheet HTML 7Page - Intersil Corporation EL2250CSZ-T13 Datasheet HTML 8Page - Intersil Corporation EL2250CSZ-T13 Datasheet HTML 9Page - Intersil Corporation EL2250CSZ-T13 Datasheet HTML 10Page - Intersil Corporation EL2250CSZ-T13 Datasheet HTML 11Page - Intersil Corporation EL2250CSZ-T13 Datasheet HTML 12Page - Intersil Corporation EL2250CSZ-T13 Datasheet HTML 13Page - Intersil Corporation EL2250CSZ-T13 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7061.2
June 7, 2005
Simplified Schematic
Applications Information
Product Description
The EL2250/EL2450 are part of a family of the industries
fastest single supply operational amplifiers. Connected in
voltage follower mode, their -3dB bandwidth is 125MHz
while maintaining a 275V/µs slew rate. With an input and
output common mode range that includes ground, these
amplifiers were optimized for single supply operation, but will
also accept dual supplies. They operate on a total supply
voltage range as low as +2.7V or up to +12V. This makes
them ideal for +3V applications, especially portable
computers.
While many amplifiers claim to operate on a single supply,
and some can sense ground at their inputs, most fail to truly
drive their outputs to ground. If they do succeed in driving to
ground, the amplifier often saturates, causing distortion and
recovery delays. However, special circuitry built into the
EL2250/EL2450 allows the output to follow the input signal
to ground without recovery delays.
Power Supply Bypassing And Printed Circuit
Board Layout
As with any high-frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended. Lead lengths
should be as short as possible. The power supply pins must
be well bypassed to reduce the risk of oscillation. The
combination of a 4.7µF tantalum capacitor in parallel with a
0.1µF ceramic capacitor has been shown to work well when
placed at each supply pin. For single supply operation,
where the GND pin is connected to the ground plane, a
single 4.7µF tantalum capacitor in parallel with a 0.1µF
ceramic capacitor across the VS+ and GND pins will suffice.
For good AC performance, parasitic capacitance should be
kept to a minimum. Ground plane construction should be
used. Carbon or Metal-Film resistors are acceptable with the
Metal-Film resistors giving slightly less peaking and
bandwidth because of their additional series inductance. Use
of sockets, particularly for the SO package should be
avoided if possible. Sockets add parasitic inductance and
capacitance which will result in some additional peaking and
overshoot.
Supply Voltage Range and Single-Supply
Operation
The EL2250/EL2450 have been designed to operate with
supply voltages having a span of greater than 2.7V, and less
than 12V. In practical terms, this means that the
EL2250/EL2450 will operate on dual supplies ranging from
±1.35V to ±6V. With a single-supply, the EL2250/EL2450 will
operate from +2.7V to +12V. Performance has been
optimized for a single +5V supply.
Pins 8 and 4 are the power supply pins on the EL2250. The
positive power supply is connected to pin 8. When used in
single supply mode, pin 4 is connected to ground. When
used in dual supply mode, the negative power supply is
connected to pin 4.
Pins 4 and 11 are the power supply pins on the EL2450. The
positive power supply is connected to pin 4. When used in
single supply mode, pin 11 is connected to ground. When
used in dual supply mode, the negative power supply is
connected to pin 11.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL2250/EL2450 have an input voltage range that includes
the negative supply and extends to within 1.2V of the
positive supply. So, for example, on a single +5V supply, the
EL2250/EL2450 have an input range which spans from 0V to
3.8V.
EL2250, EL2450


Similar Part No. - EL2250CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250CSZ-T13 INTERSIL-EL2250CSZ-T13 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250CSZ-T13 RENESAS-EL2250CSZ-T13 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2250CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com