Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2101S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2101S
Description  HIGH AND LOW SIDE DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2101S Datasheet(HTML) 3 Page - International Rectifier

  IR2101S Datasheet HTML 1Page - International Rectifier IR2101S Datasheet HTML 2Page - International Rectifier IR2101S Datasheet HTML 3Page - International Rectifier IR2101S Datasheet HTML 4Page - International Rectifier IR2101S Datasheet HTML 5Page - International Rectifier IR2101S Datasheet HTML 6Page - International Rectifier IR2101S Datasheet HTML 7Page - International Rectifier IR2101S Datasheet HTML 8Page - International Rectifier IR2101S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IR2101/IR2102 (S)
www.irf.com
3
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage (IR2101)
Logic “0” input voltage (IR2102)
VIL
Logic “0” input voltage (IR2101)
Logic “1”input voltage (IR2102)
VOH
High level output voltage, VBIAS - VO
100
IO = 0A
VOL
Low level output voltage, VO
100
IO = 0A
ILK
Offset supply leakage current
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
30
55
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
150
270
VIN = 0V or 5V
IIN+
Logic “1” input bias current
IIN-
Logic “0” input bias current
VCCUV+
VCC supply undervoltage positive going
8
8.9
9.8
threshold
VCCUV-
VCC supply undervoltage negative going
7.4
8.2
9
threshold
IO+
Output high short circuit pulsed current
130
210
VO = 0V
VIN = Logic “1”
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
270
360
VO = 15V
VIN = Logic “0”
PW
≤ 10 µs
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
160
220
VS = 0V
toff
Turn-off propagation delay
150
220
VS = 600V
tr
Turn-on rise time
100
170
tf
Turn-off fall time
50
90
MT
Delay matching, HS & LS turn-on/off
50
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified.
V
mA
3
VCC = 10V to 20V
V
0.8
VCC = 10V to 20V
mV
µA
3
10
1
VIN = 5V (IR2101)
VIN = 5V (IR2102)
VIN = 0V (IR2101)
VIN = 0V (IR2102)
ns


Similar Part No. - IR2101S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2101S INFINEON-IR2101S Datasheet
148Kb / 14P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IR2101STRPBF IRF-IR2101STRPBF Datasheet
144Kb / 14P
   HIGH AND LOW SIDE DRIVER Product Summary
More results

Similar Description - IR2101S

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com