Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3715 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3715
Description  NPN HIGH POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3715 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3715 Datasheet HTML 1Page - Microsemi Corporation 2N3715 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/408
Devices
Qualified Level
2N3715
2N3716
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N3715
2N3716
Units
Collector-Emitter Voltage
VCEO
60
80
Vdc
Collector-Base Voltage
VCBO
80
100
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Base Current
IB
4.0
Adc
Collector Current
IC
10
Adc
Total Power Dissipation
@ TA = 25
0C
@ TC =100
0C
PT
5.0
85.7
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
1.17
0C/W
1) Derate linearly 28.57 mW/
0C for TA >250C
2) Derate linearly 0.857 W/
0C for TC >1000C
TO-3* (TO-204AA)
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current
IC = 10 mAdc
2N3715
2N3716
V(BR)CEO
60
80
Vdc
Collector-Base Cutoff Current
VCB = 80 Vdc
2N3715
VCB = 100 Vdc
2N3716
ICBO
10
10
µAdc
Emitter-Base Breakdown Voltage
VEB = 7.0 Vdc
IEBO
1.0
mAdc
Collector-Emitter Cutoff Current
VBE = 1.5 Vdc, VCE = 60 Vdc
2N3715
VBE = 1.5 Vdc, VCE = 80 Vdc
2N3716
ICEX
1.0
1.0
mAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N3715

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3715 MOTOROLA-2N3715 Datasheet
272Kb / 6P
   10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
logo
Boca Semiconductor Corp...
2N3715 BOCA-2N3715 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3715 ETC-2N3715 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N3715 ISC-2N3715 Datasheet
42Kb / 2P
   isc Silicon NPN Power Transistors
logo
Comset Semiconductor
2N3715 COMSET-2N3715 Datasheet
178Kb / 5P
   EPITAXIAL-BASE NPN - PNP
More results

Similar Description - 2N3715

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
   HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
   HIGH POWER NPN SILICON TRANSISTOR
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
   HIGH-POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
   NPN High Power Silicon Transistor
logo
ON Semiconductor
2N5882 ONSEMI-2N5882 Datasheet
98Kb / 8P
   Silicon NPN High-Power Transistor
March, 2001 ??Rev. 2
logo
STMicroelectronics
BUT70 STMICROELECTRONICS-BUT70 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 STMICROELECTRONICS-BUX10 Datasheet
63Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com