Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANS2N7236U Datasheet(PDF) 1 Page - International Rectifier

Part # JANS2N7236U
Description  POWER MOSFET SURFACE MOUNT (SMD-1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANS2N7236U Datasheet(HTML) 1 Page - International Rectifier

  JANS2N7236U Datasheet HTML 1Page - International Rectifier JANS2N7236U Datasheet HTML 2Page - International Rectifier JANS2N7236U Datasheet HTML 3Page - International Rectifier JANS2N7236U Datasheet HTML 4Page - International Rectifier JANS2N7236U Datasheet HTML 5Page - International Rectifier JANS2N7236U Datasheet HTML 6Page - International Rectifier JANS2N7236U Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-18
ID @ VGS = -10V, TC = 100°C Continuous Drain Current
-11
IDM
Pulsed Drain Current ➀
-72
PD @ TC = 25°C
Max. Power Dissipation
125
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
500
mJ
IAR
Avalanche Current ➀
-18
A
EAR
Repetitive Avalanche Energy ➀
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 S)
Weight
2.6(typical)
g
PD - 91553F
oC
A
09/22/03
www.irf.com
1
SMD-1
Product Summary
Part Number
RDS(on)
ID
IRFN9140
0.20
Ω -18A
For footnotes refer to the last page
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state resis-
tance combined with high transconductance.
HEXFET tran-
sistors also feature all of the well-established advantages
of MOSFETs, such as voltage control, very fast switching,
ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, choppers,
audio amplifiers, high energy pulse circuits, and virtually
any application where high reliability is required. The
HEXFET transistor’s totally isolated package eliminates the
need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Surface Mount
n Dynamic dv/dt Rating
n Light-weight
POWER MOSFET
SURFACE MOUNT(SMD-1)
IRFN9140
JANTX2N7236U
JANTXV2N7236U
JANS2N7236U
REF:MIL-PRF-19500/595
100V, P-CHANNEL
HEXFET
®
MOSFETTECHNOLOGY


Similar Part No. - JANS2N7236U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANS2N7236 IRF-JANS2N7236 Datasheet
214Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
More results

Similar Description - JANS2N7236U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N7228U IRF-JANTX2N7228U Datasheet
184Kb / 7P
   POWER MOSFET SURFACE MOUNT(SMD-1)
IRF5N3205 IRF-IRF5N3205_05 Datasheet
171Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRL7N1404 IRF-IRL7N1404 Datasheet
115Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN57250SE IRF-IRHN57250SE Datasheet
176Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7250SE IRF-IRHN7250SE Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7150 IRF-IRHN7150 Datasheet
284Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN9250 IRF-IRHN9250 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7054 IRF-IRHN7054 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com