Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6626 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6626
Description  9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6626 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6626 Datasheet HTML 1Page - Maxim Integrated Products MAX6626 Datasheet HTML 2Page - Maxim Integrated Products MAX6626 Datasheet HTML 3Page - Maxim Integrated Products MAX6626 Datasheet HTML 4Page - Maxim Integrated Products MAX6626 Datasheet HTML 5Page - Maxim Integrated Products MAX6626 Datasheet HTML 6Page - Maxim Integrated Products MAX6626 Datasheet HTML 7Page - Maxim Integrated Products MAX6626 Datasheet HTML 8Page - Maxim Integrated Products MAX6626 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
9-Bit/12-Bit Temperature Sensors with
I2C-Compatible Serial Interface in a SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(+3V
≤ VS ≤ +5.5V, TA = -55°C to +125°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VS to GND ................................................................-0.3V to +6V
OT, SCL, SDA to GND.............................................-0.3V to +6V
ADD to GND .................................................-0.3V to (VS + 0.3V)
Current into Any Pin............................................................±5mA
OT Sink Current.................................................................. 20mA
Continuous Power Dissipation
6-Pin SOT23 (derate 9.1mW/°C above +70°C)............727mW
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature .............................................................Note 1
ESD Rating (Human Body Model)......................................2000V
Note 1: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board-level solder attach and rework. This limit permits only the use of the solder profiles recom-
mended in the industry-standard specification, IPC/JEDEC J-STD-020A, paragraph 7.6, Table 3 for IR/VPR and Convection
Reflow. Preheating is required. Hand or wave soldering is not allowed.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Voltage
VS
3
5.5
V
I2C-compatible active
1
mA
I2C-compatible inactive
250
µA
Quiescent Current
IC
Shutdown mode
1
µA
MAX6625
9
ADC Resolution
MAX6626
12
Bits
MAX6625
0.5
Temperature Resolution
MAX6626
0.0625
°C/LSB
TA = +25
°C, VS = +3V to +3.6V
±1
0
°C = TA ≤ +50°C, VS = +3.0V to +3.6V
±1.5
Accuracy (Notes 2, 3)
0
°C = TA ≤ +70°C, VS = +3.0V to +3.6V
±2.0
°C
Power-Supply Sensitivity
VS = +3V to +5.5V
1
°C/V
Conversion Time
tC
133
ms
OT Pullup Resistor
RP
MAX6625R, MAX6626R only
25
50
k
OT Saturation Voltage (Note 4)
VL
IOUT = 4mA
0.8
V
OT Delay
(Programmable through fault queue)
1
× tC
6
× tC
ms
THIGH Default Temperature
THIGH
80
°C
TLOW Default Temperature
TLOW
75
°C
I2C-COMPATIBLE I/O: SCL, SDA, ADD
VS < +3.6V
2
Input High Voltage
VIH
VS > +3.6V
3
V
Input Low Voltage
VIL
0.8
V
Input Hysteresis
0.2
V


Similar Part No. - MAX6626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6626PMUT** MAXIM-MAX6626PMUT* Datasheet
1Mb / 14P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
2019
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 MAX6626PMUT+* ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com