Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1495CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1495CS8
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1495CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1495CS8 Datasheet HTML 4Page - Linear Technology LT1495CS8 Datasheet HTML 5Page - Linear Technology LT1495CS8 Datasheet HTML 6Page - Linear Technology LT1495CS8 Datasheet HTML 7Page - Linear Technology LT1495CS8 Datasheet HTML 8Page - Linear Technology LT1495CS8 Datasheet HTML 9Page - Linear Technology LT1495CS8 Datasheet HTML 10Page - Linear Technology LT1495CS8 Datasheet HTML 11Page - Linear Technology LT1495CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1494/LT1495/LT1496
TYPICAL PERFORMANCE CHARACTERISTICS
Output Saturation Voltage
vs Load Current (Output Low)
LOAD CURRENT (
µA)
0.1
10
100
1000
10
1
1000
100
1495 G04
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
Input Bias Current
vs Common Mode Voltage
COMMON MODE VOLTAGE (V)
0
100
200
300
8
1495 G06
1.5
0.5
– 0.5
2
4
6
1
–1
9
3
5
7
10
VS = 5V, 0V
TA = 85°C
TA = 85°C
TA = 25°C
TA = –40°C
TA = –40°C
TA = 25°C
Output Saturation Voltage
vs Load Current (Output High)
LOAD CURRENT (
µA)
0.1
10
100
1000
10
1
1000
100
1495 G05
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
Noise Current Spectrum
FREQUENCY (Hz)
1
0
20
40
60
80
10
100
1495 G09
100
VS = ±2.5V
0.1Hz to 10Hz
Output Voltage Noise
TIME (1s/DIV)
1495 G07
VS = ±15V
VCM = 0V
Gain and Phase Shift
vs Frequency
FREQUENCY (kHz)
0.1
–30
–20
–10
0
10
50
110
1495 G10
20
30
40
–40
–20
0
20
40
120
60
80
100
PHASE
GAIN
VS = ±2.5V
Noise Voltage Spectrum
FREQUENCY (Hz)
1
0
50
100
150
200
300
10
100
1495 G08
250
VS = ±2.5V
Gain Bandwidth and Phase
Margin vs Supply Voltage
SUPPLY VOLTAGE (V)
0
2.0
2.5
3.0
15
25
1495 G11
1.5
1.0
510
20
30
0.5
0
3.5
40
50
60
30
20
10
0
70
PHASE MARGIN
GBW
CAPACITIVE LOAD (pF)
20
40
50
70
80
10
1000
10000
100000
1495 G12
0
100
60
30
10
VS = ±2.5V
AV = 1
AV = 5
AV = 10
Capacitive Load Handling


Similar Part No. - LT1495CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1495CS8 LINER-LT1495CS8 Datasheet
314Kb / 12P
   1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1495CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1495 LINER-LT1495 Datasheet
314Kb / 12P
   1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1495 LINER-LT1495_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1496 LINER-LT1496_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com