Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11G5 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC68HC11G5
Description  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11G5 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC68HC11G5 Datasheet HTML 5Page - Motorola, Inc MC68HC11G5 Datasheet HTML 6Page - Motorola, Inc MC68HC11G5 Datasheet HTML 7Page - Motorola, Inc MC68HC11G5 Datasheet HTML 8Page - Motorola, Inc MC68HC11G5 Datasheet HTML 9Page - Motorola, Inc MC68HC11G5 Datasheet HTML 10Page - Motorola, Inc MC68HC11G5 Datasheet HTML 11Page - Motorola, Inc MC68HC11G5 Datasheet HTML 12Page - Motorola, Inc MC68HC11G5 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 195 page
background image
MOTOROLA
vii
MC68HC11G5
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
Section 11
Event Counter
11.1
Introduction ..................................................................................................
11-1
11.2
Mode 0: 8-bit PWM with Selectable Phase Shift ..........................................
11-3
11.2.1
Operation of PWM and PA Unit in Mode 0 .............................................
11-3
11.2.2
Register Functions in Mode 0 .................................................................
11-4
11.2.2.1
Counter 1 (EVCNT1) ........................................................................
11-4
11.2.2.2
Compare Register 1A (ECMP1A); (Y) ..............................................
11-4
11.2.2.3
Compare Register 1B (ECMP1B); (X’) .............................................
11-4
11.2.2.4
Counter 2 (EVCNT2) ........................................................................
11-5
11.2.2.5
Compare Register 2A (ECMP2A); (X) ..............................................
11-5
11.2.2.6
Compare Register 2B (ECMP2B) .....................................................
11-5
11.2.2.7
Input Unit 1 (EVI1) ............................................................................
11-5
11.2.2.8
Input Unit 2 (EVI2) ............................................................................
11-5
11.2.2.9
Output Unit (EVO) .............................................................................
11-5
11.3
Mode 1: 8-bit PWM and Pulse Accumulator ................................................
11-6
11.3.1
Operation of Pulse Width Modulation Unit in Mode 1 .............................
11-7
11.3.2
Operation of Pulse Accumulator Unit in Mode 1 ....................................
11-7
11.3.3
Register Functions in Mode 1 .................................................................
11-7
11.3.3.1
Counter 1 (EVCNT1) ........................................................................
11-7
11.3.3.2
Compare Register 1A (ECMP1A) .....................................................
11-8
11.3.3.3
Compare Register 1B (ECMP1B) .....................................................
11-8
11.3.3.4
Counter 2 (EVCNT2) ........................................................................
11-8
11.3.3.5
Compare Register 2A (ECMP2A) .....................................................
11-8
11.3.3.6
Compare Register 2B (ECMP2B) .....................................................
11-8
11.3.3.7
Input Unit 1 (EVI1) ............................................................................
11-8
11.3.3.8
Input Unit 2 (EVI2) ............................................................................
11-8
11.3.3.9
Output Unit (EVO) .............................................................................
11-9
11.4
Mode 2: 8-bit PWM with Period Counter ......................................................
11-9
11.4.1
Operation of Pulse Width Modulation Unit in Mode 2 .............................
11-10
11.4.2
Operation of Pulse Accumulator Unit in Mode 2 ....................................
11-10
11.4.3
Register Functions in Mode 2 .................................................................
11-10
11.4.3.1
Counter 1 (EVCNT1) ........................................................................
11-10
11.4.3.2
Compare Register 1A (ECMP1A) .....................................................
11-11
11.4.3.3
Compare Register 1B (ECMP1B) .....................................................
11-11
11.4.3.4
Counter 2 (EVCNT2) ........................................................................
11-11
11.4.3.5
Compare Register 2A (ECMP2A) .....................................................
11-11
11.4.3.6
Compare Register 2B (ECMP2B) .....................................................
11-11
11.4.3.7
Input Unit 1 (EVI1) ............................................................................
11-11
11.4.3.8
Input Unit 2 (EVI2) ............................................................................
11-11
11.4.3.9
Output Unit (EVO) .............................................................................
11-11


Similar Part No. - MC68HC11G5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11G5 FREESCALE-MC68HC11G5 Datasheet
987Kb / 195P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
More results

Similar Description - MC68HC11G5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
logo
Motorola, Inc
68HC705SR3 MOTOROLA-68HC705SR3 Datasheet
913Kb / 96P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
MC68HC05L2 MOTOROLA-MC68HC05L2 Datasheet
7Mb / 110P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC11KW1 FREESCALE-MC68HC11KW1 Datasheet
3Mb / 238P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com