Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4435EUK-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4435EUK-T
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4435EUK-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4435EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Typical Operating Characteristics
(VCC = +5V, VEE = 0, RL = 500
Ω, CL = 0, TA = +25°C, unless otherwise noted.)
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
4
_______________________________________________________________________________________
-7
-4
-5
-6
-3
-2
-1
0
1
2
3
100k
1M
10M
100M
1G
MAX4434/MAX4436
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +1V/V)
FREQUENCY (Hz)
20mVp-p
-7
-4
-5
-6
-3
-2
-1
0
1
2
3
100k
1M
10M
100M
1G
MAX4435/MAX4437
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +5V/V)
FREQUENCY (Hz)
20mVp-p
-0.7
-0.4
-0.5
-0.6
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
100k
1M
10M
100M
1G
MAX4434/MAX4436
GAIN FLATNESS vs. FREQUENCY
(AVCL = +1V/V)
FREQUENCY (Hz)
20mVp-p
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC Power-Supply
Rejection Ratio
PSRR
fC = 100kHz
-101
dB
fC = 100kHz
-97
VOUT = 2Vp-p
centered at VCC/2
fC = 1MHz
-98
fC = 100kHz
-130
VOUT = 3Vp-p
centered at VCC/2
fC = 1MHz
-99
fC = 100kHz
-112
Spurious-Free Dynamic
Range
SFDR
VOUT = 4Vp-p
centered at VCC/2
fC = 1MHz
-97
dBc
Input Noise Voltage
Density
en
fC = 100kHz
2.2
nV/
√Hz
Input Noise Current
Density
in
fC = 100kHz
2.0
pA/
√Hz
Input Capacitance
CIN
2.3
pF
Maximum Capacitive
Load Without Sustained
Oscillations
30
pF
Output Impedance
ZOUT
fC = 1MHz
0.05
Crosstalk
fC = 1MHz, MAX4436/MAX4437
-80
dB
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = 0, VCM = VCC/2, RL = 500
Ω, AVCL = +1, and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4435EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4435EUK-T MAXIM-MAX4435EUK-T Datasheet
506Kb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4435EUK-T MAXIM-MAX4435EUK-T Datasheet
379Kb / 14P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4435EUK-T MAXIM-MAX4435EUK-T Datasheet
2Mb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
More results

Similar Description - MAX4435EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
MAX4434 MAXIM-MAX4434 Datasheet
506Kb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
   Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
   Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com