Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4525CUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4525CUB
Description  Low-Voltage, Single-Supply Multiplexer and Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4525CUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4525CUB Datasheet HTML 1Page - Maxim Integrated Products MAX4525CUB Datasheet HTML 2Page - Maxim Integrated Products MAX4525CUB Datasheet HTML 3Page - Maxim Integrated Products MAX4525CUB Datasheet HTML 4Page - Maxim Integrated Products MAX4525CUB Datasheet HTML 5Page - Maxim Integrated Products MAX4525CUB Datasheet HTML 6Page - Maxim Integrated Products MAX4525CUB Datasheet HTML 7Page - Maxim Integrated Products MAX4525CUB Datasheet HTML 8Page - Maxim Integrated Products MAX4525CUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = 4.5V to 5.5V, GND = 0V, VAH = 2.4V, VAL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Notes 2, 7)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ..............................................................................-0.3V, +13V
Voltage into any terminal (Note 1) ................-0.3V to (V+ + 0.3V)
Continuous Current into any Terminal ..............................±20mA
Peak Current, NO, NC or COM_
(pulsed at 1ms,10% duty cycle)....................................±40mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 4.1mW/°C above +70°C) ............330mW
10-Pin Thin QFN (derate 24.4mW/°C above +70°C) ..1951mW
Operating Temperature Ranges
MAX452_C_ _ ......................................................0°C to +70°C
MAX452_E_ _....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
VA = VINH = 2.4V
V+ = 4.5V, ICOM = 1mA, VCOM = 3.5V
V+ = 5.5V; ICOM = 1mA;
VCOM = 1.5V, 2.5V, 3.5V
VA = VINH = 0.8V
CONDITIONS
µA
-1
+1
IIH
Input Current Low
90
150
V
V-
V+
VCOM,
VNO
Analog Signal Range
µA
-1
+1
IIH
Input Current High
210
∆RON
COM-NO/NC On-Resistance
Match Between Channels
(Note 3)
512
RFLAT
COM-NO/NC On-Resistance
Flatness (Note 4)
-1
+1
-2
+2
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Note 1: Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to max-
imum current rating.
V
0.8
1.5
VIL
Logic Input Logic
Threshold Low
V+ = 5.5V; VNO = 1V, 4.5V; VCOM = 4.5V, 1V
nA
-10
+10
INO(OFF),
INC(OFF),
NO/NC Off-Leakage
(Note 5)
+25°C
C, E
C, E
+25°C
+25°C
+25°C
+25°C
C, E
TEMP
C, E
C, E
V+ = 4.5V, ICOM = 1mA, VCOM = 3.5V
C, E
200
RON
COM-NO/NC On-Resistance
C, E
-50
+50
C, E
V+ = 5.5V; VNO = 1V, 4.5V;
VCOM = 4.5V, 1V
nA
-25
+25
ICOM(OFF)
COM Off-Leakage
(Note 5)
C, E
-1
+1
+25°C
MAX4524
MAX4525
MAX4524
MAX4525
-50
+50
C, E
V+ = 5.5V; VCOM = 4.5V, 1V
nA
-25
+25
ICOM(ON)
COM On-Leakage
(Note 5)
C, E
-1
+1
+25°C
-2
+2
+25°C
15
V
1.5
2.4
VIH
Logic Input Logic
Threshold High
C, E
ANALOG SWITCH
DIGITAL I/O


Similar Part No. - MAX4525CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4525CUB MAXIM-MAX4525CUB Datasheet
145Kb / 12P
   Low-Voltage, Single-Supply Multiplexer and Switch
Rev 0; 1/98
MAX4525CUB MAXIM-MAX4525CUB Datasheet
347Kb / 14P
   Low-Voltage, Single-Supply Multiplexer and Switch
Rev 2; 6/07
More results

Similar Description - MAX4525CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4524 MAXIM-MAX4524_07 Datasheet
347Kb / 14P
   Low-Voltage, Single-Supply Multiplexer and Switch
Rev 2; 6/07
MAX4524 MAXIM-MAX4524 Datasheet
145Kb / 12P
   Low-Voltage, Single-Supply Multiplexer and Switch
Rev 0; 1/98
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com