Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7636 Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7636
Description  15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7636 Datasheet(HTML) 3 Page - Exar Corporation

  MP7636 Datasheet HTML 1Page - Exar Corporation MP7636 Datasheet HTML 2Page - Exar Corporation MP7636 Datasheet HTML 3Page - Exar Corporation MP7636 Datasheet HTML 4Page - Exar Corporation MP7636 Datasheet HTML 5Page - Exar Corporation MP7636 Datasheet HTML 6Page - Exar Corporation MP7636 Datasheet HTML 7Page - Exar Corporation MP7636 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP7636A
3
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
FSR = Full Scale Range
Resolution (All Grades)
N
16
16
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line Spec.
(Relative Accuracy)
(Max INL – Min INL) / 2
J, S
+4+4
K, L, T
+2+2
Differential Non-Linearity
DNL
LSB
All grades guaranteed
J, S
+4+4
monotonic over full
K, T
+2+2
operating temperature
L+1+2
range.
Gain Error
GE
+0.1
+0.1
% FSR
Using Internal RFB
Gain Temperature Coefficient2
TCGE
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
+50
+50
ppm/%
|∆Gain/∆VDD|
∆VDD = + 5%
Output Leakage Current
IOUT
+10
+200
nA
IOUT1 only
DYNAMIC PERFORMANCE2
Current Settling Time
tS
2
µs
To 1/2 LSB
RL=100Ω, CEXT=13pF
AC Feedthrough at IOUT1
FT
2
mV p-p
VREF = 20 V p-p
Sine wave @ 10kHz
REFERENCE INPUT
Input Resistance
RIN
2.5
7.5
2.5
7.5
k
LOGIC INPUTS3
Input High Voltage
VINH
3.0
2.4
3.0
V
Input Low Voltage
VINL
0.8
0.8
V
Input Current
ILKG
+1+1
µA
Input Capacitance
Data
CIN
5pF
Control
CIN
5pF
ANALOG OUTPUTS2
Output Capacitance
COUT1
280
pF
DAC all 1’s
COUT1
120
pF
DAC all 0’s
COUT2
100
pF
DAC all 1’s
COUT2
240
pF
DAC all 0’s


Similar Part No. - MP7636

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633AD ETC-MP7633AD Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633BD ETC-MP7633BD Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633CD ETC-MP7633CD Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633JN ETC-MP7633JN Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - MP7636

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
   15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Exar Corporation
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
   5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
   15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com