Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7636 Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7636
Description  15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7636 Datasheet(HTML) 4 Page - Exar Corporation

  MP7636 Datasheet HTML 1Page - Exar Corporation MP7636 Datasheet HTML 2Page - Exar Corporation MP7636 Datasheet HTML 3Page - Exar Corporation MP7636 Datasheet HTML 4Page - Exar Corporation MP7636 Datasheet HTML 5Page - Exar Corporation MP7636 Datasheet HTML 6Page - Exar Corporation MP7636 Datasheet HTML 7Page - Exar Corporation MP7636 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP7636A
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
POWER SUPPLY5
Functional Voltage Range2
VDD
4.5
16.5
5.0
16.5
V
Supply Current
IDD
1
1
mA
All digital inputs 0 V or VDD
SWITCHING
CHARACTERISTICS2, 4
CS to WR Set-Up Time
tCS
150
ns
CS to WR Hold Time
tCH
10
ns
Data Valid to WR Set-Up Time
tDS
70
ns
Data Valid to WR Hold Time
tDH
70
ns
WR, XFER Pulse Width
tW
150
ns
NOTES:
Specifications are subject to change without notice
25
°C
Tmin to Tmax
(1)
Full Scale Range (FSR) is 10V for unipolar mode.
(2)
Guaranteed but not production tested.
(3)
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
(4)
See timing diagram.
(5)
Specified values guarantee functionality. Refer to other parameters for accuracy.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2, 3
Voltage at Any Digital Input
GND –0.5 to VDD +0.5 V
. . . . .
Voltage at VREF Input
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Voltage Applied to IOUT1 or IOUT2 GND –0.5 V to +17 V
Supply Voltage (VDD)
+17 VDC
. . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
+1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Functionality Guaranteed +0.5 V)
Storage Temperature Range
–65
°C to 150°C
. . . . . . . . . . . .
Package Power Dissipation Rating to 75
°C
SOIC
900mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
12mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
3
GND refers to AGND and DGND.
APPLICATION NOTES
Refer to Section 8 for Applications Information


Similar Part No. - MP7636

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633AD ETC-MP7633AD Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633BD ETC-MP7633BD Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633CD ETC-MP7633CD Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633JN ETC-MP7633JN Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - MP7636

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
   15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Exar Corporation
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
   5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
   15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com