Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4525ETB Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4525ETB
Description  Low-Voltage, Single-Supply Multiplexer and Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4525ETB Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4525ETB Datasheet HTML 6Page - Maxim Integrated Products MAX4525ETB Datasheet HTML 7Page - Maxim Integrated Products MAX4525ETB Datasheet HTML 8Page - Maxim Integrated Products MAX4525ETB Datasheet HTML 9Page - Maxim Integrated Products MAX4525ETB Datasheet HTML 10Page - Maxim Integrated Products MAX4525ETB Datasheet HTML 11Page - Maxim Integrated Products MAX4525ETB Datasheet HTML 12Page - Maxim Integrated Products MAX4525ETB Datasheet HTML 13Page - Maxim Integrated Products MAX4525ETB Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
10
______________________________________________________________________________________
_________________________________Test Circuits/Timing Diagrams (continued)
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH.
CROSSTALK (MAX4524) IS MEASURED FROM ONE CHANNEL (A, B) TO OTHER CHANNEL.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
V+
VOUT
VIN
GND
V+
VIN
VOUT
MEAS.
NETWORK
ANALYZER
50
50
50
OFF ISOLATION = 20log
ON LOSS = 20log
CROSSTALK = 20log
50
REF.
ADDB
VOUT
VIN
VOUT
VIN
ADDA
CHANNEL
SELECT
INH
NO_
COM_
10nF
MAX4524
MAX4525
Figure 5. Off-Isolation, On-Loss, and Crosstalk
V+
GND
V+
ADDB
ADDA
CHANNEL
SELECT
1MHz
CAPACITANCE
ANALYZER
INH
NO_
NO_
COM_
MAX4524
MAX4525
Figure 6. NO/COM Capacitance


Similar Part No. - MAX4525ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4525ETB MAXIM-MAX4525ETB Datasheet
347Kb / 14P
   Low-Voltage, Single-Supply Multiplexer and Switch
Rev 2; 6/07
More results

Similar Description - MAX4525ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4524 MAXIM-MAX4524_07 Datasheet
347Kb / 14P
   Low-Voltage, Single-Supply Multiplexer and Switch
Rev 2; 6/07
MAX4524 MAXIM-MAX4524 Datasheet
145Kb / 12P
   Low-Voltage, Single-Supply Multiplexer and Switch
Rev 0; 1/98
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com