Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR7805NH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OMR7805NH
Description  300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR7805NH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OMR7805NH Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR7805NH Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR7805NH Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR7805NH Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR7805NH Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR7805NH Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR7805NH Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR7805NH Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RADIATION TEST PROGRAM
The following chart is a summary of the test data collected on Radiation Tolerant
OMR7805/12/15 at various doses. The chart depicts the Total Radiation Dose that
each device was exposed to on a step stress irradiation basis prior to failure. Failure
is defined as any electrical test that does not meet the limits of the device per the
published data sheet specifications after radiation testing.
Omnirel P/N
5K
10K
20K
30K
50K
60K
70K
80K
100K
150K
200
250
300
350
400
450
KRAD
OMR7805/12/15
Test Points
X
X
X
X
X
X
ELECTRICAL CHARACTERISTICS 15 Volt
VIN = 23V, Io = 500mA, -55°C ≤ TA ≤ 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
14.8
15.2
V
VIN = 18.5V to 30V
14.6
15.4
V
Line Regulation
VRLINE
VIN = 17.5V to 30V
20
mV
(Note 1)
50
mV
VIN = 20V to 26V
15
mV
25
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
35
mV
(Note 1)
IO = 5mA to 1.0 Amp
75
mV
IO = 250mA to 750 mA
21
mV
45
mV
Standby Current Drain
ISCD
6.0
mA
6.5
mA
Standby Current Drain
∆ISCD
VIN = 18.5V to 30V
0.8
mA
Change With Line
(Line)
Standby Current Drain
∆ISCD
IO = 5mA to 1000mA
0.5
mA
Change With Load
(Load)
Dropout Voltage
VDO
TA = 25°C, ∆VOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = 35V
1.2
A
(Note 2)
2.8
A
Ripple Rejection
∆VIN
f =120 Hz, ∆VIN = 10V
54
dB
∆VOUT
(Note 3)
52
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
∆VOUT
TA = 25°C, t = 1000 hrs.
150
mV
(Note 3)
∆t
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. Short Circuit protection is only assured up to V
IN = 35V.
3. If not tested, shall be guaranteed to the specified limits.
4. The • denotes the specifications which apply over the full operating temperature range.
5. Refer to curves for typical characteristics versus Total Dose Radiation Levels.
OMR7805NH
OMR7812NH
OMR7815NH
OMR7805NM
OMR7812NM
OMR7815NM
OMR7805ST
OMR7812ST
OMR7815ST
OMR7805SR
OMR7812SR
OMR7815SR


Similar Part No. - OMR7805NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7905NH ETC-OMR7905NH Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7905NM ETC-OMR7905NM Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7905SR ETC-OMR7905SR Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7905ST ETC-OMR7905ST Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OMR7805NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
   1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8607 AEROFLEX-VRG8607 Datasheet
130Kb / 6P
   Dual Adjustable Positive Voltage Regulators Radiation Tolerant
logo
International Rectifier
OMR183 IRF-OMR183 Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
   Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
logo
List of Unclassifed Man...
LAS1500 ETC1-LAS1500 Datasheet
249Kb / 3P
   1.5 AMP POSITIVE REGULATORS
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com