Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLA3565A-58 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RMLA3565A-58
Description  Wideband Low Noise MMIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMLA3565A-58 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RMLA3565A-58 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMLA3565A-58 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMLA3565A-58 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMLA3565A-58 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMLA3565A-58 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMLA3565A-58 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMLA3565A-58 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMLA3565A-58 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Raytheon RF Components
362 Lowell Street
Andover, MA 01810
Revised March 28, 2002
Page 4
www.raytheonrf.com
Characteristic performance data and specifications are subject to change without notice.
PRODUCT INFORMATION
RMLA3565A-58
Wideband Low Noise MMIC Amplifier
0.80
1.00
1.20
1.40
1.60
1.80
2.00
3.544.555.5
6
6.5
Frequency (GHz)
NF (3V)
NF (4V)
NF (5V)
NF (6V)
Performance
Data
RMLA3565A-58
Noise Figure Vs Frequency for Vdd from 3 Vdc to 6 Vdc (25°C)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
3.54
4.555.5
66.5
Frequency (GHz)
Hot (85 deg C) minus Ambient
Cold (-35 deg C) minus Ambient
RMLA3565A-58
Noise Figure (4Vdc) Change Vs Temperature


Similar Part No. - RMLA3565A-58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMLA3565-58 ETC-RMLA3565-58 Datasheet
349Kb / 8P
   Wideband Low Noise MMIC Amplifier
logo
Fairchild Semiconductor
RMLA3565C FAIRCHILD-RMLA3565C Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
RMLA3565C-TB FAIRCHILD-RMLA3565C-TB Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
More results

Similar Description - RMLA3565A-58

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMLA3565C FAIRCHILD-RMLA3565C Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
logo
List of Unclassifed Man...
RMLA3565-58 ETC-RMLA3565-58 Datasheet
349Kb / 8P
   Wideband Low Noise MMIC Amplifier
logo
NXP Semiconductors
BGU7003 NXP-BGU7003 Datasheet
158Kb / 17P
   Wideband silicon germanium low-noise amplifier MMIC
Rev. 01-2 March 2009
logo
TriQuint Semiconductor
TGA4830 TRIQUINT-TGA4830_15 Datasheet
569Kb / 10P
   Wideband Low Noise Amplifier
logo
DAICO Industries, Inc.
DAML6284 DAICO-DAML6284 Datasheet
130Kb / 1P
   Wideband Low Noise Amplifier
logo
Analog Devices
HMC-AUH312 AD-HMC-AUH312 Datasheet
315Kb / 17P
   Low Noise Wideband Amplifier
ADL7003 AD-ADL7003 Datasheet
481Kb / 18P
   Wideband Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4830-EPU TRIQUINT-TGA4830-EPU Datasheet
717Kb / 9P
   Wideband Low Noise Amplifier
logo
Analog Devices
HMC8400 AD-HMC8400 Datasheet
312Kb / 15P
   MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
   GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com