Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1280C06K0L Datasheet(PDF) 7 Page - International Rectifier

Part # ST1280C06K0L
Description  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST1280C06K0L Datasheet(HTML) 7 Page - International Rectifier

  ST1280C06K0L Datasheet HTML 1Page - International Rectifier ST1280C06K0L Datasheet HTML 2Page - International Rectifier ST1280C06K0L Datasheet HTML 3Page - International Rectifier ST1280C06K0L Datasheet HTML 4Page - International Rectifier ST1280C06K0L Datasheet HTML 5Page - International Rectifier ST1280C06K0L Datasheet HTML 6Page - International Rectifier ST1280C06K0L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ST1280C..K Series
7
www.irf.com
Bulletin I25195 rev. B 01/00
Fig. 9 - On-state Voltage Drop Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs Characteristics
Fig. 11 - Gate Characteristics
Instantaneous On-state Voltage (V)
Square Wave Pulse Duration (s)
Instantaneous Gate Current (A)
100
1000
10000
100000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25˚C
J
T = 125˚C
J
ST1280C..K Series
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Steady State Value
R
= 0.042 K/W
(Single Side Cooled)
R
= 0.021 K/W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST1280C..K Series
0.1
1
10
100
0.001
0.01
0.1
1
1 0
1 0 0
VG D
IG D
(b )
(a )
( 1 ) (2) (3)
(1) PGM = 16W, tp = 4ms
(2) PGM = 30W, tp = 2ms
(3) PGM = 60W, tp = 1ms
Rectan g ular g ate pulse
a ) Recommended load line for
b ) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
Fre q uenc y Limited b y PG ( AV )
rated di/dt : 20V, 10ohms; tr<=1 µ s
tr<=1 µs
Device: ST1280C..K Series


Similar Part No. - ST1280C06K0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST1280C06K0L VISHAY-ST1280C06K0L Datasheet
116Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 2310 A
Revision: 11-Aug-08
More results

Similar Description - ST1280C06K0L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com