Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT16 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TCLT16
Description  Optocoupler with Phototransistor Output and AC Input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT16 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TCLT16 Datasheet HTML 3Page - Vishay Siliconix TCLT16 Datasheet HTML 4Page - Vishay Siliconix TCLT16 Datasheet HTML 5Page - Vishay Siliconix TCLT16 Datasheet HTML 6Page - Vishay Siliconix TCLT16 Datasheet HTML 7Page - Vishay Siliconix TCLT16 Datasheet HTML 8Page - Vishay Siliconix TCLT16 Datasheet HTML 9Page - Vishay Siliconix TCLT16 Datasheet HTML 10Page - Vishay Siliconix TCLT16 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TCLT16.. Series
Vishay Semiconductors
7 (11)
www.vishay.com
Document Number 83517
Rev. A3, 19–Mar–01
110
0
0.2
0.4
0.6
0.8
1.0
IC – Collector Current ( mA )
100
CTR=50%
20%
10%
95 11028
Figure 10. Collector Emitter Saturation Voltage vs.
Collector Current
0.1
1
10
1
10
100
1000
IF – Forward Current ( mA )
100
95 11029
VCE=5V
Figure 11. Current Transfer Ratio vs. Forward Current
02
4
6
0
2
4
6
8
10
IC – Collector Current ( mA )
10
95 11030
Non Saturated
Operation
VS=5V
RL=100W
toff
ton
Figure 12. Turn on / off Time vs. Collector Current
0
5
10
15
0
10
20
30
40
50
IF – Forward Current ( mA )
20
95 11031
Saturated Operation
VS=5V
RL=1kW
toff
ton
Figure 13. Turn on / off Time vs. Forward Current
TCLT1600
901WTK27
Date
Code
(YM)
Company
Logo
Production
Location
Pin 1 Indication
Type
15248
System
Letter
Figure 14. Marking example


Similar Part No. - TCLT16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1600 VISHAY-TCLT1600 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
Rev. 2.5, 13-Oct-15
TCLT1600 VISHAY-TCLT1600 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLT1600 VISHAY-TCLT1600 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
Rev. 2.5, 13-Oct-15
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2022
More results

Similar Description - TCLT16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com