Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE306J Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRE306J
Description  Low Cost Precision Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE306J Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRE306J Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE306J Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE306J Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE306J Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE306J Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL
A/J
B/K
C/L
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ABSOLUTE RATINGS
Power Supply
+14
+15
+16
*****
*
V
Operating Temp. (A,B,C)0
+70
*
*
*
*
°C
Operating Temp. (J,K,L)-40
+85
*
*
*
*
°C
Storage Temperature
-65
+150
*
*
*
*
°C
Short Circuit Protection
Continuous
*
*
OUTPUT VOLTAGE
VRE306
6.000
*
*
V
Temp. Sensor Voltage
630
*
*
mV
OUTPUT VOLTAGE ERRORS
Initial Error
0.60
1.00
1.20
mV
Warmup Drift
1
2
3
ppm
T
min -Tmax
0.6
1.0
2.0
ppm/ °C
Long-Term Stability
6
*
*
ppm/1000hrs
Noise (.1-10Hz)
4
*
*
µVpp
OUTPUT CURRENT
Range
±10
*
*
mA
REGULATION
Line
6
10
*
*
*
*
ppm/V
Load
3
*
*
ppm/mA
OUTPUT ADJUSTMENT
Range
10
*
*
mV
POWER SUPPLY CURRENTS
VRE306 +PS
5
7
*
*
*
*
mA
VRE306
NOTES:
*Same as A/J Models.
1. The temp. reference TC is 2.1mV/ °C
2. The specified values are without external trim.
3. The temperature coefficient is determined by the box
method using the following formula:
V
max -Vmin
T.C. =
x 106
V
nominal x (Tmax-Tmin)
(1)
(5)
(2)
(3)
VRE306DS REV. B MAY 2001
Vps =+15V, T = 25°C, RL = 10K
Ω unless otherwise noted.
ELECTRICAL SPECIFICATIONS
4. The specified values are without the external
noise reduction capacitor.
5. The specified values are unloaded.
(4)


Similar Part No. - VRE306J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE306J ETC-VRE306J Datasheet
2Mb / 41P
   Low Cost Precision Reference
More results

Similar Description - VRE306J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
   Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
   Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
   VRE3050 Low Cost Precision Reference
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Analog Devices
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com