Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE3006I019 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XE3006I019
Description  Low-Power Audio CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE3006I019 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XE3006I019 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
XE3005/XE3006
3
D0212-116
1 Device Description
1
5
6
7
8
9
10
11
12
MCLK
SMAD
SMDA
VDD
NRESET
VSSA
VREG16
VREF
VSSA
VSSD
VREG11
AIN
24
23
22
21
20
19
18
17
16
14
13
MOSI
SS
SCK
MISO
SDI
SDO
BCLK
FSYNC
AOUTP
VDDPA
AOUTN
VSSPA
4
15
3
2
1
5
6
7
8
9
10
MCLK
SS
VDD
NRESET
VREG16
VREF
VSSA
VSSD
VREG11
AIN
20
19
18
17
16
15
14
13
12
MOSI
SCK
SDI
SDO
BCLK
FSYNC
AOUTP
VDDPA
AOUTN
VSSPA
4
11
3
2
Figure 1: Pin layout of the XE3006 and XE3005
The XE3006 is available in a TSSOP24 package. The XE3005 is available in a TSSOP20 package. Detailed
information is found in chapter 8, Mechanical Information.
1.1 Terminal Descriptions XE3005/6
Terminals
Type
1
Description
XE3006
XE3005
Name
1
1
MCLK
DI
Master Clock. MCLK derives the internal clocks of ADC and DAC
2
N/A
SMAD
DO
Sandman output ADC
3
N/A
SMDA
DO
Sandman output DAC
4
3
VDD
AI
Digital power supply
5
4
NRESET
ZI/O
Reset signal generated by the CODEC. If required, the reset signal can
be applied externally to initialize all the internal CODEC registers
6
N/A
VSSA
AI
Analog ground
7
5
VREG16
AO
Regulator voltage 1.6 V. Can be used to supply the microphone
8
6
VREF
AO
Reference voltage
9
7
VSSA
AI
Analog ground
10
8
VSSD
AI
Digital ground
11
9
VREG11
AO
ADC Regulated microphone output supply voltage 1.1 V
12
10
AIN
AI
ADC Analog input signal
13
11
VSSPA
AI
DAC Power Amplifier Ground
14
12
AOUTN
AO
DAC Analog Output negative
15
13
VDDPA
AI
DAC Power Amplifier Supply
16
14
AOUTP
AO
DAC Analog Output positive
17
15
FSYNC
DI/O
Serial audio interface Frame Synchronization
18
16
BCLK
DI/O
Serial audio interface Bit Clock
19
17
SDO
ZO
Serial audio interface Data Output
20
18
SDI
DI PD
Serial audio interface Data Input
21
N/A
MISO
ZO
SPI Master In Slave Out
22
19
SCK
DI PD
SPI Serial Clock
23
2
SS
DI PU
SPI Slave Select
24
20
MOSI
DI PD
SPI Master Out Slave In
Note: (1)
AI = Analog Input
AO = Analog Output
DI = Digital Input
DO = Digital Output
DI/O = Digital In or Out
ZO = Hi Impedance or Output
PU = internal Pull Up
PD = internal Pull Down
ZI/O = Hi impedance In or Out


Similar Part No. - XE3006I019

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE3006 SEMTECH-XE3006 Datasheet
379Kb / 37P
   Low-Power Audio CODEC
More results

Similar Description - XE3006I019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
   Low Power Audio Codec
REV. 0
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
   Low Power Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
   Low Power Audio CODEC
logo
Analog Devices
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
   Low Power Audio Codec
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
   Low Power Audio Codec
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
   Low Power Audio Codec
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
   Low Power Audio Codec
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
   Low Power Audio Codec
Rev. PrB
logo
Suzhou Everest Semicond...
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
   Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
   Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com