Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE3006I019 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XE3006I019
Description  Low-Power Audio CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE3006I019 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XE3006I019 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Data Sheet
XE3005/XE3006
Cool Solutions for Wireless Connectivity
XEMICS SA e-mail: info@xemics.com web: www.xemics.com
XE3005 / XE3006
Low-Power Audio CODEC
General Description
The XE3005 is an ultra low-power CODEC (Analog
to Digital and Digital to Analog Converter) for voice
and audio applications. It includes microphone
supply, preamplifier, 16-bit ADC, 16-bit DAC, serial
audio interface, power management and clock
management for the ADC and the DAC. The
sampling frequency of the ADC and of the DAC
can be adjusted from 4 kHz to 48 kHz.
The XE3006 also includes the Sandman™
function, which signals whether a relevant voice or
audio signal is present for the ADC or DAC.
Applications
Wireless Headsets
Bluetooth™ headset
Hands-free telephony
Digital hearing instruments
Consumer and multimedia applications
All battery-operated portable audio
devices
Features
Ultra low-power consumption, below 2 mW
Low-voltage operation down to 1.8 V
Sandman™ function to reduce system
power consumption (XE3006)
Single supply voltage
Adjustable sampling frequency: 4 – 48 kHz
Digital format: 16 bit 2s complement
Requires a minimum number of external
components
Easy interfacing to various DSPs
Direct connection to microphone and
speaker
Various programming options
Quick Reference Data
• supply voltage
1.8 – 3.6 V
• current (@20 kHz sampling)
0.4 mA
• sampling frequency
4 – 48 kHz
• Typical dynamic range ADC
78 dB
• Typical dynamic range DAC
78 dB
Ordering Information
Part
Package
Ext. part no.
Temperature
range
XE3005
TSSOP 20 pins
XE3005I033
-20 to 70
° C
XE3006
TSSOP 24 pins
XE3006I019
-20 to 70
° C
Amp.
Σ∆
modulator
Decimator
Serial Audio
Interface
SPI
XE3006
Power supply
management
VDD
VSSD
VREF
MCLK
BCLK
FSYNC
SDI
SCK
SS
AIN
Microphone
Bias
VREG16
VSSA
Clock
mgt
PWM
DAC
Power
amplifier
AOUTP
AOUTN
VDDPA
VSSPA
SDO
MOSI
MISO
Sandman
Functions
SMDA
SMAD
RESET
VREG11
VSSA


Similar Part No. - XE3006I019

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE3006 SEMTECH-XE3006 Datasheet
379Kb / 37P
   Low-Power Audio CODEC
More results

Similar Description - XE3006I019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
   Low Power Audio Codec
REV. 0
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
   Low Power Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
   Low Power Audio CODEC
logo
Analog Devices
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
   Low Power Audio Codec
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
   Low Power Audio Codec
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
   Low Power Audio Codec
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
   Low Power Audio Codec
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
   Low Power Audio Codec
Rev. PrB
logo
Suzhou Everest Semicond...
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
   Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
   Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com