Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE3006I019 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XE3006I019
Description  Low-Power Audio CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE3006I019 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XE3006I019 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 9Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 10Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 11Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 12Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 13Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Data Sheet
XE3005/XE3006
10
D0212-116
2.1.10 Start-up and Initialization
The CODEC generates its own power on reset signal after a power supply is connected to the VDD pin. The
reset signal is made available for the user at the pin NRESET. The rising edge of the NRESET indicates that the
startup sequence of the CODEC has finished. In most applications the NRESET pin can be left open.
The NRESET signal generated by the CODEC is used to initialize the various blocks in the device and
guarantees a correct start-up of the circuit. The start-up sequence that is automatically carried out upon power-up
of the device is listed below and illustrated in Figure 10.
1) NRESET is low (0V) when the device is not powered and remains low for a short time when VDD (upper
curve in Figure 10) is applied. The low state sustains while VDD, VREG16, VREF are stabilizing.
2) As soon as the MCLK signal is present, a counter is activated that counts 2
21 periods of the MCLK. After this
moment the NRESET is in the high state (VDD).
VREG16 = 1.6V
VREF = 1.2V
VDD = 1.8..3.3V
977 ms (MCLK=2.048KHz)
main reset
NRESET
time
MCLK
. . .
Figure 10: Startup sequence and NRESET signal after power-on.
The user can use the NRESET pin in 3 different ways and combinations:
1) Leave the NRESET pin not connected. In this case the CODEC will startup as described in figure 10.
2) Use the NRESET pin as an output to indicate, to e.g. a microcontroller, that the CODEC finished its
power up sequence and that the CODEC is ready to operate.
3) Use the NRESET pin to force a re-initialisation of the registers to their default values. In this case the
user has to force the NRESET to 0V for at least 32 periods of the MCLK. The circuit which forces the
NRESET to 0V should be able to sink at least 50 uA.


Similar Part No. - XE3006I019

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE3006 SEMTECH-XE3006 Datasheet
379Kb / 37P
   Low-Power Audio CODEC
More results

Similar Description - XE3006I019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
   Low Power Audio Codec
REV. 0
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
   Low Power Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
   Low Power Audio CODEC
logo
Analog Devices
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
   Low Power Audio Codec
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
   Low Power Audio Codec
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
   Low Power Audio Codec
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
   Low Power Audio Codec
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
   Low Power Audio Codec
Rev. PrB
logo
Suzhou Everest Semicond...
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
   Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
   Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com