Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTH03 Datasheet(PDF) 2 Page - International Rectifier

Part # 20CTH03
Description  Hyperfast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTH03 Datasheet(HTML) 2 Page - International Rectifier

  20CTH03 Datasheet HTML 1Page - International Rectifier 20CTH03 Datasheet HTML 2Page - International Rectifier 20CTH03 Datasheet HTML 3Page - International Rectifier 20CTH03 Datasheet HTML 4Page - International Rectifier 20CTH03 Datasheet HTML 5Page - International Rectifier 20CTH03 Datasheet HTML 6Page - International Rectifier 20CTH03 Datasheet HTML 7Page - International Rectifier 20CTH03 Datasheet HTML 8Page - International Rectifier 20CTH03 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
20CTH03, 20CTH03S, 20CTH03-1, 20CTH03FP
Bulletin PD-20769 rev. A 08/03
www.irf.com
VBR, Vr
Breakdown Voltage,
300
-
-
V
IR = 100µA
Blocking Voltage
VF
Forward Voltage
-
1.05 1.25
V
IF = 10A, TJ = 25°C
-
0.85 0.95
V
IF = 10A, TJ = 125°C
IR
Reverse Leakage Current
-
-
20
µA
VR = VR Rated
-
6
200
µA
TJ = 125°C, VR = VR Rated
CT
Junction Capacitance
-
30
-
pF
VR = 300V
LS
Series Inductance
-
8
-
nH
Measured lead to lead 5mm from package body
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max
Test Conditions
Units
trr
Reverse Recovery Time
-
-
35
ns
IF = 1A, diF/dt = 50A/µs, VR = 30V
--
30
IF = 1A, diF/dt = 100A/µs, VR = 30V
-31
-
TJ = 25°C
-42
-
TJ = 125°C
IRRM
Peak Recovery Current
-
2.4
-
A
TJ = 25°C
-
5.6
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
36
-
nC
TJ = 25°C
-
120
-
TJ = 125°C
Dynamic Recovery Characteristics @ TC = 25°C (unless otherwise specified)
Parameters
Min Typ Max
Test Conditions
Units
Parameters
Min
Typ
Max
Units
TJ
Max. Junction Temperature Range
-
-
175
°C
TStg
Max. Storage Temperature Range
- 65
-
175
RthJC
Thermal Resistance, Junction to Case
Per Diode
-
-
1.5
°C/W
Fullpack (Per Diode)
-
-
3.9
Thermal - Mechanical Characteristics
IF = 10A
diF/dt = 200A/µs
VR = 200V


Similar Part No. - 20CTH03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTH03 IRF-20CTH03 Datasheet
250Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
20CTH03 VISHAY-20CTH03 Datasheet
135Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
logo
Inchange Semiconductor ...
20CTH03 ISC-20CTH03 Datasheet
311Kb / 2P
   Hyperfast Rectifier
logo
International Rectifier
20CTH03-1 IRF-20CTH03-1 Datasheet
210Kb / 9P
   Hyperfast Rectifier
logo
Vishay Siliconix
20CTH03-1 VISHAY-20CTH03-1 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 08-Sep-08
More results

Similar Description - 20CTH03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com