Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACD2203S8P1 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ACD2203S8P1
Description  CATV/TV/Video Downconverter with Dual Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2203S8P1 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ACD2203S8P1 Datasheet HTML 3Page - ANADIGICS, Inc ACD2203S8P1 Datasheet HTML 4Page - ANADIGICS, Inc ACD2203S8P1 Datasheet HTML 5Page - ANADIGICS, Inc ACD2203S8P1 Datasheet HTML 6Page - ANADIGICS, Inc ACD2203S8P1 Datasheet HTML 7Page - ANADIGICS, Inc ACD2203S8P1 Datasheet HTML 8Page - ANADIGICS, Inc ACD2203S8P1 Datasheet HTML 9Page - ANADIGICS, Inc ACD2203S8P1 Datasheet HTML 10Page - ANADIGICS, Inc ACD2203S8P1 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PRELIMINARY DATA SHEET - Rev 1.3
12/2003
7
ACD2203
Figure 4: Serial 2-Wire Data Input Timing
Table 6: Digital 2-Wire Interface Specifications
(TA = +25
°C, VDD = +5 VDC, ref. Figure 4)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
N
I
M
X
A
M
T
I
N
U
y
c
n
e
u
q
e
r
F
K
L
Cf K
L
C
10
0
4z
H
k
)
2
1
,
1
1
s
n
i
p
(
t
u
p
n
I
h
g
i
H
c
i
g
o
LVH
0
.
2-
V
)
2
1
,
1
1
s
n
i
p
(
t
u
p
n
I
w
o
L
c
i
g
o
LVL
-8
.
0V
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C
t
u
p
n
I
c
i
g
o
L
)
2
1
,
1
1
s
n
i
p
(
I G
O
L
-0
1A
µ
t
n
e
r
r
u
C
t
u
p
n
I
t
c
e
l
e
S
s
s
e
r
d
d
A
)
0
1
n
i
p
(
n
o
it
p
m
u
s
n
o
C
I S
A
-0
1A
µ
t
n
e
r
r
u
C
k
n
i
S
a
t
a
D
)
2
(
I K
A
-0
.
4A
m
d
n
a
P
O
T
S
a
n
e
e
w
t
e
b
e
m
i
T
e
e
r
F
s
u
B
n
o
it
i
d
n
o
C
T
R
A
T
S
t F
U
B
3
.
1-
s
µ
.
n
o
it
i
d
n
o
C
T
R
A
T
S
)
d
e
t
a
e
p
e
r
(
e
m
i
T
d
l
o
H
s
i
e
s
l
u
p
k
c
o
l
c
t
s
r
if
e
h
t
,
d
o
ir
e
p
s
i
h
t
r
e
tf
A
.
d
e
t
a
r
e
n
e
g
t
A
T
S
;
D
H
6
.
0-
s
µ
K
L
C
f
o
d
o
ir
e
p
W
O
L
t W
O
L
3
.
1-
s
µ
K
L
C
f
o
d
o
ir
e
p
H
G
I
H
t H
G
I
H
6
.
0-
s
µ
T
R
A
T
S
d
e
t
a
e
p
e
R
a
r
o
f
e
m
i
T
p
u
-
t
e
S
n
o
it
i
d
n
o
C
t
A
T
S
;
U
S
6
.
0-
s
µ
)
s
e
c
i
v
e
d
s
u
b
e
r
i
w
-
2
r
o
f
(
e
m
i
T
d
l
o
H
a
t
a
D
t
T
A
D
;
D
H
0
.
09
.
0s
µ
e
m
i
T
p
u
-
t
e
S
a
t
a
D
t
T
A
D
;
U
S
0
0
1-
s
n
s
l
a
n
g
i
S
K
L
C
d
n
a
A
T
A
D
f
o
e
m
i
T
e
s
i
RtR
C
1
.
0
+
0
2
b
)
1
(
0
0
3s
n
s
l
a
n
g
i
S
K
L
C
d
n
a
a
t
a
D
f
o
e
m
i
T
ll
a
FtF
C
1
.
0
+
0
2
b
)
1
(
0
0
3s
n
n
o
it
i
d
n
o
C
P
O
T
S
r
o
f
e
m
i
T
p
u
-
t
e
St
O
T
S
;
U
S
6
.
0-
s
µ
e
n
i
L
s
u
B
h
c
a
E
r
o
f
d
a
o
L
e
v
it
i
c
a
p
a
CCb
-0
0
4F
p
DATA
CLK
tF
tLOW
tR
S
tHD;STA tHD;DAT
tSU;DAT
tHIGH
tF
tSU;STA
Sr
S
P
tHD;STA
tSP
tR
tBUF
tSU;STO
Notes:
(1) Cb is the total capacitance of one bus line in pF.
(2) For maximum 0.8 V level during Acknowledge Pulse.
3. All timing values are referred to minimum VH and maximum VL levels.


Similar Part No. - ACD2203S8P1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2202S8P0 ANADIGICS-ACD2202S8P0 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2202S8P1 ANADIGICS-ACD2202S8P1 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2204S8P0 ANADIGICS-ACD2204S8P0 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
More results

Similar Description - ACD2203S8P1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2206 ANADIGICS-ACD2206 Datasheet
464Kb / 20P
   CATV/TV/VIDEO DOWNCONVERTER WITH DUAL SYNTHESIZER
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Toshiba Semiconductor
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
   Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Sanyo Semicon Device
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com