Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF4154EB1 Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADF4154EB1
Description  Fractional-N Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4154EB1 Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADF4154EB1 Datasheet HTML 1Page - Analog Devices EVAL-ADF4154EB1 Datasheet HTML 2Page - Analog Devices EVAL-ADF4154EB1 Datasheet HTML 3Page - Analog Devices EVAL-ADF4154EB1 Datasheet HTML 4Page - Analog Devices EVAL-ADF4154EB1 Datasheet HTML 5Page - Analog Devices EVAL-ADF4154EB1 Datasheet HTML 6Page - Analog Devices EVAL-ADF4154EB1 Datasheet HTML 7Page - Analog Devices EVAL-ADF4154EB1 Datasheet HTML 8Page - Analog Devices EVAL-ADF4154EB1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADF4154
Rev. 0 | Page 4 of 20
TIMING CHARACTERISTICS
Table 2. AVDD = DVDD = SDVDD = 2.7 V to 3.3 V; VP = AVDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise
noted; dBm referred to 50 Ω.
Parameter1
Limit at TMIN to TMAX (B Version)
Unit
Test Conditions/Comments
t1
20
ns min
LE Setup Time
t2
10
ns min
DATA to CLOCK Setup Time
t3
10
ns min
DATA to CLOCK Hold Time
t4
25
ns min
CLOCK High Duration
t5
25
ns min
CLOCK Low Duration
t6
10
ns min
CLOCK to LE Setup Time
t7
20
ns min
LE Pulse Width
1 Guaranteed by design, but not production tested.
CLOCK
DATA
LE
LE
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
Figure 2. Timing Diagram


Similar Part No. - EVAL-ADF4154EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4154EBZ1 AD-EVAL-ADF4154EBZ1 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
More results

Similar Description - EVAL-ADF4154EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com