Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F032B3TA90 Datasheet(PDF) 6 Page - Intel Corporation

Part # TE28F032B3TA90
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F032B3TA90 Datasheet(HTML) 6 Page - Intel Corporation

Back Button TE28F032B3TA90 Datasheet HTML 2Page - Intel Corporation TE28F032B3TA90 Datasheet HTML 3Page - Intel Corporation TE28F032B3TA90 Datasheet HTML 4Page - Intel Corporation TE28F032B3TA90 Datasheet HTML 5Page - Intel Corporation TE28F032B3TA90 Datasheet HTML 6Page - Intel Corporation TE28F032B3TA90 Datasheet HTML 7Page - Intel Corporation TE28F032B3TA90 Datasheet HTML 8Page - Intel Corporation TE28F032B3TA90 Datasheet HTML 9Page - Intel Corporation TE28F032B3TA90 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
6
PRELIMINARY
1.2
Product Overview
Intel provides the most flexible voltage solution in
the flash industry, providing three discrete voltage
supply pins: VCC for read operation, VCCQ for output
swing, and VPP for program and erase operation. All
Smart 3 Advanced Boot Block flash memory
products provide program/erase capability at 2.7 V
or 12 V [for fast production programming] and read
with VCC at 2.7 V. Since many designs read from
the flash memory a large percentage of the time,
2.7 V VCC operation can provide substantial power
savings.
The Smart 3 Advanced Boot Block flash memory
products are available in either x8 or x16 packages
in the following densities: (see
Ordering Information
for availability.)
• 4-Mbit (4,194,304-bit) flash memory organized
as 256 Kwords of 16 bits each or 512 Kbytes of
8-bits each
• 8-Mbit (8,388,608-bit) flash memory organized
as 512 Kwords of 16 bits each or 1024 Kbytes
of 8-bits each
• 16-Mbit
(16,777,216-bit)
flash
memory
organized as 1024 Kwords of 16 bits each or
2048 Kbytes of 8-bits each
• 32-Mbit
(33,554,432-bit)
flash
memory
organized as 2048 Kwords of 16 bits each or
4096 Kbytes of 8-bits each
The parameter blocks are located at either the top
(denoted by -T suffix) or the bottom (-B suffix) of the
address map in order to accommodate different
microprocessor protocols for kernel code location.
The upper two (or lower two) parameter blocks can
be locked to provide complete code security for
system initialization code. Locking and unlocking is
controlled by WP# (see Section 3.3 for details).
The Command User Interface (CUI) serves as the
interface
between
the
microprocessor
or
microcontroller and the internal operation of the
flash memory. The internal Write State Machine
(WSM) automatically executes the algorithms and
timings
necessary
for
program
and
erase
operations,
including
verification,
thereby
un-
burdening the microprocessor or microcontroller.
The status register indicates the status of the WSM
by
signifying
block
erase
or
word
program
completion and status.
The Smart 3 Advanced Boot Block flash memory is
also designed with an Automatic Power Savings
(APS) feature which minimizes system current
drain, allowing for very low power designs. This
mode is entered following the completion of a read
cycle (approximately 300 ns later).
The RP# pin provides additional protection against
unwanted command writes that may occur during
system reset and power-up/down sequences due to
invalid system bus conditions (see Section 3.6).
Section 3.0 gives detailed explanation of the
different modes of operation. Complete current and
voltage specifications can be found in the
DC
Characteristics section. Refer to AC Characteristics
for
read,
program
and
erase
performance
specifications.
2.0
PRODUCT DESCRIPTION
This section explains device pin description and
package pinouts.
2.1
Package Pinouts
The Smart 3 Advanced Boot Block flash memory is
available in 40-lead TSOP (x8, Figure 1), 48-lead
TSOP (x16, Figure 2) and 48-ball
µBGA packages
(x8 and x16, Figure 3 and Figure 4 respectively). In
all figures, pin changes necessary for density
upgrades have been circled.


Similar Part No. - TE28F032B3TA90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F001BX-B150 INTEL-TE28F001BX-B150 Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
TE28F001BX-B90 INTEL-TE28F001BX-B90 Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
TE28F001BX-T150 INTEL-TE28F001BX-T150 Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
TE28F001BX-T90 INTEL-TE28F001BX-T90 Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
TE28F002BVB80 INTEL-TE28F002BVB80 Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - TE28F032B3TA90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com