Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTCQBP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LTCQBP
Description  OSLON Signal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTCQBP Datasheet(HTML) 5 Page - OSRAM GmbH

  LTCQBP_18 Datasheet HTML 1Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 2Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 3Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 4Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 5Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 6Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 7Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 8Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.6
LT CQBP
2018-03-01
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 20
Durchlassspannungsgruppen 4) Seite 20
Dominant Wavelength Groups 3) page 20
Dominant Wellenlängengruppen
3) Seite 20
Group
Luminous Flux 1) page 20
Luminous Flux 1) page 20
Luminous Intensity
6) page 20
Gruppe
Lichtstrom 1) Seite 20
Lichtstrom 1) Seite 20
Lichtstärke 6) Seite 20
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
KY
82
97
29.5
KZ
97
112
34.5
LX
112
130
39.9
LY
130
150
46.2
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
8E
2.75
3.00
8F
3.00
3.25
8G
3.25
3.50
Group
true green
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
519
525
4
525
531
5
531
537
6
537
543
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


Similar Part No. - LTCQBP_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTCQBP-KYLX-36-1 OSRAM-LTCQBP-KYLX-36-1 Datasheet
939Kb / 21P
   Architectural Lighting indoor
LTCQBP-KYLY-36-8E8G OSRAM-LTCQBP-KYLY-36-8E8G Datasheet
966Kb / 21P
   OSLON Signal
More results

Similar Description - LTCQBP_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
   OSLON Signal
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
   OSLON Signal
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
   OSLON Signal
LYCKBP OSRAM-LYCKBP Datasheet
960Kb / 21P
   OSLON Signal
LBCRBP OSRAM-LBCRBP Datasheet
938Kb / 21P
   OSLON Signal
LTCQBP OSRAM-LTCQBP Datasheet
966Kb / 21P
   OSLON Signal
LJCKBP OSRAM-LJCKBP Datasheet
977Kb / 22P
   OSLON Signal
LCYCLBP OSRAM-LCYCLBP Datasheet
766Kb / 22P
   OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
   OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
   OSLON Black
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com