Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91114 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91114
Description  Push-On N Male to N Female Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91114 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91114 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91114 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91114 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91114 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Push-On N Male Connector 1
• N Female Connector 2
• 50 Ohms
• Straight Body Geometry
Features
• Max VSWR of 1.22:1 up to 18 GHz
• 0.3 µm minimum contact plating
• Gold Plated Beryllium Copper Contact
Applications
• General Purpose Test
.
Description
Pasternack’s PE91114 push-on type N male to type N female adapter is part of our full line of RF components available for
same-day shipping. Our type N to type N adapter has a male to female gender configuration. PE91114 type N male to type N
female adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR of 1.22:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.22:1
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
. .
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 5
5 to 18
GHz
VSWR, Max
1.07:1
1.22:1
.
Electrical Specification Notes:
Values at 25°C, sea level.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Push-On N Male to N Female Adapter PE91114
PE91114 REV 1.1
Push-On N Male to N Female Adapter
PE91114
RF Adapters Technical Data Sheet


Similar Part No. - PE91114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
   N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
   Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
   Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
   Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
   Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results

Similar Description - PE91114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
   N Male to N Female Adapter
PE91336 PASTERNACK-PE91336 Datasheet
354Kb / 3P
   Push-On SMA Male to SMA Female Adapter
PE9595 PASTERNACK-PE9595 Datasheet
359Kb / 4P
   N Male to N Female Bulkhead Adapter
PE9547 PASTERNACK-PE9547 Datasheet
344Kb / 3P
   QD N Male to N Female Adapter
PE9426 PASTERNACK-PE9426 Datasheet
239Kb / 2P
   Precision N Male to N Female Adapter
PE9124 PASTERNACK-PE9124 Datasheet
251Kb / 3P
   N Male to C Female Adapter
PE9295 PASTERNACK-PE9295 Datasheet
246Kb / 2P
   N Female to C Male Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
   N Female to HN Male Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
   SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
   SSMA Male to N Female Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com