Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4251CK5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B4251CK5
Description  250mA Low Dropout Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B4251CK5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B4251CK5 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4251CK5 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4251CK5 Datasheet HTML 3Page - List of Unclassifed Manufacturers B4251CK5 Datasheet HTML 4Page - List of Unclassifed Manufacturers B4251CK5 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B4251
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS -0.3 to VIN 0.3
V
On/Off Voltage
On/Off
VSS -0.3 to VIN+ 0.3
V
Continual Total Power Dissipation
SOT-25
SOT-89
Pd
150
300
mW
Operating Ambient Temperature
TOPR
-30 to 80
°C
Storage Temperature
TSTG
-40 to 125
°C
Electrical Characteristics (Ta = 25°C, VIN = VOUT + 0.5V; unless otherwise noted)
Parameter
Conditions
MIN
TYP
MAX
UNIT
IO = 1mA
-1.4%
-
+1.4%
Output Voltage Accuracy
IO = 0 to 150mA
-2%
-
+2%
V
Line Regulation
∆VOUT/∆VIN-VOUT
IO= 100mA,
(VOUT + 0.1V)<VIN<6V
0.2
0.3
%/V
Load Regulation
VIN 6V, 0mA < IO < 120mA COUT = 1µF
0.01
0.04
%/mV
Maximum Output Current
250
Current Limit
160
500
mA
Shutdown Supply Current
TA=25°C
0.01
1
µA
Shutdown Input Bias Current
VSHDN=VIN, TA=25°C
0.01
100
nA
Shutdown Exit Delay
CBP=0
µF COUT=1µF, IO = 1mA
30
150
µsec
Shutdown Input Threshold Low
Vin=2.5 to 5.5V
0.4
V
Shutdown Input Threshold High
Vin=2.5 to 5.5V
2
V
Ground Pin Current
IOUT = 0mA……150mA
2
5
µA
IO = 150mA
160
250
Dropout Voltage
IO = 250 mA
200
280
mV
Thermal Shutdown Temperature
155
°C
Marking Format
SOT-25
FXWW
F = B4251
Variables
X = Voltage Codes
WW = Work Week Code
B = 2.0
F = 3.3
SOT-25 = 01 to 99
C = 2.5
G = 3.5
D = 2.8
H = 5.0
E = 3.0


Similar Part No. - B4251CK5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4250 ETC1-B4250 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
B4250CK3-2.0 ETC1-B4250CK3-2.0 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
B4250CK3-2.5 ETC1-B4250CK3-2.5 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
B4250CK3-2.8 ETC1-B4250CK3-2.8 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
B4250CK3-3.0 ETC1-B4250CK3-3.0 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
More results

Similar Description - B4251CK5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
SG Micro Corp
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com