Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2X014 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2X014
Description  Low Jitter LVPECL Crystal Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X014 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2X014 Datasheet HTML 6Page - Cypress Semiconductor CY2X014 Datasheet HTML 7Page - Cypress Semiconductor CY2X014 Datasheet HTML 8Page - Cypress Semiconductor CY2X014 Datasheet HTML 9Page - Cypress Semiconductor CY2X014 Datasheet HTML 10Page - Cypress Semiconductor CY2X014 Datasheet HTML 11Page - Cypress Semiconductor CY2X014 Datasheet HTML 12Page - Cypress Semiconductor CY2X014 Datasheet HTML 13Page - Cypress Semiconductor CY2X014 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY2X014
Document Number: 001-10179 Rev. *K
Page 9 of 15
Switching Waveforms
Figure 5. Output DC Parameters
Figure 6. Duty Cycle Timing
Figure 7. Output Rise and Fall Time
Figure 8. Output Enable and Disable Timing
Termination Circuits
Figure 9. LVPECL Termination
CLK
V
A
V
B
CLK#
V
OD
V
OCM = (VA + VB)/2
CLK
T
PW
T
PERIOD
T
DC =
T
PW
T
PERIOD
CLK#
20%
80%
T
R
CLK
20%
80%
CLK#
T
F
OE
CLK
High-Impedance
T
OHZ
T
OE
V
IL
V
IH
CLK#
CLK#



CLK

VDD – 2 V
(VDD = 3.3 V)
CLK#



CLK

VDD – 2 V or VDD - 1.5 V
(VDD = 2.5 V)


Similar Part No. - CY2X014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014FLXCT CYPRESS-CY2X014FLXCT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X014FLXCT CYPRESS-CY2X014FLXCT_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
CY2X014FLXIT CYPRESS-CY2X014FLXIT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X014FLXIT CYPRESS-CY2X014FLXIT_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
CY2X014LXCxxxT CYPRESS-CY2X014LXCxxxT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
   Low-Jitter Configurable LVPECL Oscillator
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
   Low-Jitter Precision LVPECL Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com