Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4251CR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B4251CR
Description  250mA Low Dropout Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B4251CR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B4251CR Datasheet HTML 1Page - List of Unclassifed Manufacturers B4251CR Datasheet HTML 2Page - List of Unclassifed Manufacturers B4251CR Datasheet HTML 3Page - List of Unclassifed Manufacturers B4251CR Datasheet HTML 4Page - List of Unclassifed Manufacturers B4251CR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B4251
SOT-25 Packaging Outline
L
A1
C
A2
A
D
B (5 PLACES)
H
E
e1
e
MILLIMETERS
0
0.90
0.30
0.80 REF
2.70
0.10
1.40
1.70
0.95 BSC.
MIN 0.2
2.50
MIN.
MAX
MIN.
MAX.
A
A1
A2
B
C
D
E
e
e1
H
L
0
.035
.012
.0315 REF
.106
.004
.055
.066
.037 BSC.
MIN .0078
.098
0.10
1.30
0.50
3.10
0.35
1.80
2.10
3.00
.004
.051
.019
.122
.0137
.071
.082
.118
INCHES
NOTE:
1. REFER TO APPLICABLE
2. CONTROLLING DIMENTION : MILLIMETER
3. PACKAGE SURFACE FINISHING TO BE SMOOTH
FINISH.


Similar Part No. - B4251CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4250 ETC1-B4250 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
B4250CK3-2.0 ETC1-B4250CK3-2.0 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
B4250CK3-2.5 ETC1-B4250CK3-2.5 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
B4250CK3-2.8 ETC1-B4250CK3-2.8 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
B4250CK3-3.0 ETC1-B4250CK3-3.0 Datasheet
157Kb / 6P
   250 mA CMOS Low Dropout LDO
More results

Similar Description - B4251CR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
SG Micro Corp
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com