Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XP311 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2XP311
Description  312.5 MHz LVPECL Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP311 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2XP311 Datasheet HTML 1Page - Cypress Semiconductor CY2XP311 Datasheet HTML 2Page - Cypress Semiconductor CY2XP311 Datasheet HTML 3Page - Cypress Semiconductor CY2XP311 Datasheet HTML 4Page - Cypress Semiconductor CY2XP311 Datasheet HTML 5Page - Cypress Semiconductor CY2XP311 Datasheet HTML 6Page - Cypress Semiconductor CY2XP311 Datasheet HTML 7Page - Cypress Semiconductor CY2XP311 Datasheet HTML 8Page - Cypress Semiconductor CY2XP311 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY2XP311
312.5 MHz LVPECL Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-59931 Rev. *E
Revised April 6, 2017
312.5 MHz LVPECL Clock Generator
Features
One LVPECL output pair
Output frequency: 312.5 MHz
External crystal frequency: 25 MHz
Low RMS phase jitter at 312.5 MHz, using 25-MHz crystal
(1.875 MHz to 20 MHz): 0.3 ps (typical)
Pb-free 8-pin TSSOP package
Supply voltage: 3.3 V or 2.5 V
Commercial and industrial temperature ranges
Functional Description
The CY2XP311 is a PLL (phase locked loop) based high
performance clock generator. It is optimized to generate 10 GB
Ethernet,
SONET,
and
other
high
performance
clock
frequencies. It also produces an output frequency that is 12.5
times the crystal frequency. It uses Cypress’s low noise VCO
technology to achieve 0.3 ps typical RMS phase jitter, which
meets both 10 GB Ethernet and SONET jitter requirements. The
CY2XP311 has a crystal oscillator interface input and one
LVPECL output pair.
For a complete list of related documentation, click here.
/2
PHASE
DETECTOR
CRYSTAL
OSCILLATOR
VCO
/25
OE
External
Crystal
XOUT
XIN
CLK
CLK#
Logic Block Diagram


Similar Part No. - CY2XP311

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP31 CYPRESS-CY2XP31 Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXCT CYPRESS-CY2XP31ZXCT Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXCT CYPRESS-CY2XP31ZXCT Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
More results

Similar Description - CY2XP311

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP31 CYPRESS-CY2XP31_11 Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
logo
ON Semiconductor
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Cypress Semiconductor
CY2XP21ZXC CYPRESS-CY2XP21ZXC Datasheet
237Kb / 7P
   125 MHz LVPECL Clock Generator
CY2XP21 CYPRESS-CY2XP21 Datasheet
231Kb / 7P
   125 MHz LVPECL Clock Generator
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
   3.3V, 250MHZ LVPECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com