Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM5317 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5317
Description  8 PORT 10/100 SWITCH ON CHIP PACKET BUFFER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5317 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5317 Datasheet HTML 1Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The highest level of silicon integration achieved for an
8-Port 10/100 Ethernet switch device
The world’s first single-chip switch
The BCM5317 integrates:
• Eight transceivers (802.3u compliant)
• Nine media access controllers (802.x compliant)
• 256 KB packet buffer
• Non-blocking switch fabric
MII interface supports an additional 100FX or 100TX
connection enabling a ninth user port
Supports up to 4K MAC addresses
Flow control: full-duplex (802.3x) and half-duplex
options supported
Supports automatic address learning and aging
Typical power consumption: 2.7W
208-pin PQFP package
Optional management features:
• Low-cost MIB AutocastTM function
• Hardware support for Simple Network Management
Protocol (SNMP), Remote Network Monitoring (RMON)
and Spanning Tree
BCM5317
FEA TURES
8-Port Stand-Alone Unmanaged 10/100 Switch
Enables a new generation of lower cost 10/100
switches in much smaller form factors.
Utilizes field-proven industry-standard
10BASE-T/100BASE-TX Fast Ethernet
Transceivers–lowering overall system
interoperability and reliability risks.
Flexible interfaces support a wider variety of
application needs–fiber for long distances or an
additional 100TX port.
Sufficient address range handles all remote office,
branch office and home office needs.
Flexible architecture enables high engineering leverage
when designing multiple platforms.
CPUs are not required to initialize and run in cost-
sensitive unmanaged applications–providing true
Plug and Play connectivity.
Very low power and small footprint enables more cost-
effective system options.
Ability to gather and support basic management
statistics using a very low-cost microcontroller.
Low-cost management using the on-chip MIB registers
allows the collection and transmission of statistics for
each port and allows an upward migration path for
corporate users.
On-chip HP auto-MDI/MDIX feature automatically
detects and corrects for crossover cables and allows
direct switch-to-switch connection.
SUMMAR Y
OF
BENEFITS
8-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BROADCOM PROPRIETARY & CONFIDENTIAL
®
PRODUCT
PRODUCT
Brief
Brief
BCM5317


Similar Part No. - BCM5317

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM53101 BOARDCOM-BCM53101 Datasheet
97Kb / 2P
   Five 10/100 MACs with five integrated 10/100 PHYs
BCM53112 BOARDCOM-BCM53112 Datasheet
130Kb / 2P
   15-Port Integrated Fast Ethernet Switch with High-Speed 1GbE/2.5GbE SGMII Uplink Interfaces
BCM53112MB0ILFBG BOARDCOM-BCM53112MB0ILFBG Datasheet
130Kb / 2P
   15-Port Integrated Fast Ethernet Switch with High-Speed 1GbE/2.5GbE SGMII Uplink Interfaces
BCM53112MB1ILFBG BOARDCOM-BCM53112MB1ILFBG Datasheet
130Kb / 2P
   15-Port Integrated Fast Ethernet Switch with High-Speed 1GbE/2.5GbE SGMII Uplink Interfaces
BCM53115 BOARDCOM-BCM53115 Datasheet
70Kb / 2P
   Five 10/100/1000 PHYs
More results

Similar Description - BCM5317

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5325FKQMG BOARDCOM-BCM5325FKQMG Datasheet
98Kb / 2P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325 BOARDCOM-BCM5325 Datasheet
91Kb / 1P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5328M BOARDCOM-BCM5328M Datasheet
120Kb / 2P
   EIGHT-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5315 BOARDCOM-BCM5315 Datasheet
371Kb / 1P
   5-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5318 BOARDCOM-BCM5318 Datasheet
395Kb / 1P
   8 PORT 10/100 SWITCH WITH ON CHIP PACKET
BCM5327M BOARDCOM-BCM5327M Datasheet
105Kb / 2P
   EIGHT-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325MA2KQMG BOARDCOM-BCM5325MA2KQMG Datasheet
101Kb / 2P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325M BOARDCOM-BCM5325M Datasheet
100Kb / 2P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325 BOARDCOM-BCM5325_04 Datasheet
97Kb / 2P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5382M BOARDCOM-BCM5382M Datasheet
338Kb / 2P
   8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com