Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1541KV18 Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # CY7C1541KV18
Description  72-Mbit QDR짰II SRAM 4-Word BurstArchitecture (2.0 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1541KV18 Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button CY7C1541KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 27Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Document Number: 001-15700 Rev. *F
Revised July 31, 2009
Page 27 of 27
QDR RAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress, IDT, NEC, Renesas, and Samsung. All product and company names mentioned in this document
are the trademarks of their respective holders.
CY7C1541KV18, CY7C1556KV18
CY7C1543KV18, CY7C1545KV18
© Cypress Semiconductor Corporation, 2007-2009. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used
for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use
as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support
systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign),
United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of,
and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress
integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without
the express written permission of Cypress.
Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not
assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where
a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress’ product in a life-support systems application implies that the manufacturer
assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Use may be limited by and subject to the applicable Cypress software license agreement.
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives, and distributors. To find the office
closest to you, visit us at cypress.com/sales.
Products
PSoC
psoc.cypress.com
Clocks & Buffers
clocks.cypress.com
Wireless
wireless.cypress.com
Memories
memory.cypress.com
Image Sensors
image.cypress.com
Document History Page
Document Title: CY7C1541KV18/CY7C1556KV18/CY7C1543KV18/CY7C1545KV18, 72-Mbit QDR®II+ SRAM 4-Word Burst
Architecture (2.0 Cycle Read Latency)
Document Number: 001-15700
Rev.
ECN
Submission
Date
Orig. of
Change
Description of Change
**
1103943
See ECN
NXR
New datasheet
*A
1246904
See ECN
VKN/AESA Removed 300 MHz speed bin
Added footnote# 2
*B
1739283
See ECN
VKN/AESA Converted from Advance Information to Preliminary
*C
1922548
See ECN
VKN/AESA Corrected typo in the tCYC(min) and tKHKH(min) spec for 333 MHz speed bin
Added footnote # 22 related to IDD
Changed PLL lock time from 2048 cycles to 20
μs
Corrected typo in footnote # 26
*D
2612383
11/25/08
VKN/AESA Changed JTAG ID [31:29] from 001 to 000,
Updated Power up sequence waveform and it’s description,
Included Thermal Resistance values,
Changed the package size from 15 x 17 x 1.4 mm to 13 x 15 x 1.4 mm.
Updated data sheet template.
*E
2697841
04/24/09
VKN
Moved to external web
*F
2746858
07/31/09
VKN
Converted from preliminary to final
For 450 MHz speed, changed tCO, tCCQO, tCHZ from 370 ps to 450 ps
and tDOH, tCQOH, tCLZ from -370 ps to -450 ps
Included Soft Error Immunity Data
Modified Ordering Information table by including parts that are available and
modified the disclaimer for the Ordering information
[+] Feedback


Similar Part No. - CY7C1541KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZC CYPRESS-CY7C1541V18-300BZC Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZC CYPRESS-CY7C1541V18-300BZC Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZI CYPRESS-CY7C1541V18-300BZI Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1541KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2540KV18 CYPRESS-CY7C2540KV18 Datasheet
835Kb / 26P
   72-Mbit QDR짰II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1543KV18 CYPRESS-CY7C1543KV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561V18 CYPRESS-CY7C1561V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561KV18 CYPRESS-CY7C1561KV18_11 Datasheet
856Kb / 29P
   72-Mbit QDR II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com