Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1648KV18 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C1648KV18
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1648KV18 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C1648KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Document Number: 001-44061 Rev. *L
Page 21 of 29
CY7C1648KV18
CY7C1650KV18
AC Electrical Characteristics
Over the Operating Range
Parameter [26]
Description
Test Conditions
Min
Typ
Max
Unit
VIH
Input high voltage
VREF + 0.2
VDDQ + 0.24
V
VIL
Input low voltage
–0.24
VREF – 0.2
V
Capacitance
Parameter [27]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz, VDD = 1.8 V, VDDQ = 1.5 V
4
pF
CO
Output capacitance
4pF
Thermal Resistance
Parameter [27]
Description
Test Conditions
165-ballFBGA
Package
Unit
JA (0 m/s)
Thermal resistance
(junction to ambient)
Socketed on a 170 × 220 × 2.35 mm, eight-layer printed
circuit board
12.23
°C/W
JA (1 m/s)
11.17
°C/W
JA (3 m/s)
10.42
°C/W
JB
Thermal resistance
(junction to board)
9.34
°C/W
JC
Thermal resistance
(junction to case)
2.10
°C/W
AC Test Loads and Waveforms
Figure 5. AC Test Loads and Waveforms
1.25 V
0.25 V
R = 50
5pF
INCLUDING
JIG AND
SCOPE
ALL INPUT PULSES
Device
RL = 50 
Z0 = 50 
VREF = 0.75 V
VREF = 0.75 V
[28]
0.75 V
Under
Test
0.75 V
Device
Under
Test
OUTPUT
0.75 V
VREF
VREF
OUTPUT
ZQ
ZQ
(a)
Slew Rate = 2 V/ns
RQ =
250
(b)
RQ =
250
Notes
26. Overshoot: VIH(AC) < VDDQ + 0.3 V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > 0.3 V (Pulse width less than tCYC/2).
27. Tested initially and after any design or process change that may affect these parameters.
28. Unless otherwise noted, test conditions assume signal transition time of 2 V/ns, timing reference levels of 0.75 V, VREF = 0.75 V, RQ = 250 , VDDQ = 1.5 V, input
pulse levels of 0.25 V to 1.25 V, and output loading of the specified IOL/IOH and load capacitance shown in (a) of Figure 5.


Similar Part No. - CY7C1648KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18-400BZXC CYPRESS-CY7C1648KV18-400BZXC Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1648KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2642KV18 CYPRESS-CY7C2642KV18 Datasheet
885Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com