Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54972P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M54972P
Description  Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54972P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M54972P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54972P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54972P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54972P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54972P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54972P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
M54972P/FP
MITSUBISHI <CONTROL / DRIVER IC>
Symbol
Ratings
Unit
Parameter
Conditions
ABSOLUTE MAXIMUM RATINGS (Ta=-20 to 75
°C, unless otherwise noted)
VCC
VI
VO
IO
Pd
Topr
Tstg
Supply voltage
Input voltage
Output voltage
Output current
Power dissipation
Operating temperature
Storage temperature
S-OUT
O1 – O8 : OFF
Ta=25
°C
-0.5 – +8
-0.5 – VCC+0.5
-0.5 – VCC+0.5
-0.5 – +30
300
1.25
-20 – 75
-55 – 125
V
V
V
mA
W
°C
°C
Limits
Min.
Typ.
Max.
Symbol
Conditions
Unit
Parameter
RECOMMENDED OPERATING CONDITION
VCC
VO
IO
Supply voltage
Applied output voltage
Output current (per circuit)
O1 – O8 : OFF
O1 – O8 : ON, Duty cycle < 35%
45
6
30
300
V
V
mA
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
ELECTRICAL CHARACTERISTICS (Ta=25
°C, VCC=5V, unless otherwise noted)
VIH
VIL
IIH
IIL
VOH
VOL
IOH
IOL
VOL1
IOLK
ICC1
ICC2
High-level input voltage
Low-level input voltage
High-level input current
Low-level input current
Input resistance
High-level output voltage
Low-level output voltage
High-level output current
Low-level output current
Supply current
Output leak current
Ta=-20 – 75
°C, VCC=4 – 6V
VIH=5V
VIL=0V
VOH=4.5V
IOL=200mA
VO=30V (O1 – O8: OFF)
Input: open, All driver outputs: OFF
0.7VCC
0
50
4.9
-100
400
VCC
0.3VCC
100
-100
0.1
0.5
V
V
µA
µA
k
V
V
µA
µA
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
TIMING REQUIREMENTS (Ta=-20 to 75
°C, unless otherwise noted)
f(T)
tw(T)
tw(L)
tsu
th
td(T-L)
tr(T)
tf(T)
Clock frequency
Clock pulse width
Latch pulse width
Data setup time
Data hold time
Clock-latch time
Clock pulse rise time
Clock pulse fall time
Input duty cycle: 40 – 60%
200
200
100
100
400
2
500
500
MHz
ns
ns
ns
ns
ns
ns
ns
O1 – O8 : ON
M54972P
M54972FP
0.8
RIN
VOL3
VOL2
Low-level output voltage
S-OUT
S-OUT
S-OUT
S-OUT
O1 – O8
|IO|
≤1µA
IOL=300mA
VOL=0.4V
One driver output is ON.
0.6
50
10
7.5
V
V
µA
µA
mA
M54972P
M54972FP
O1 – O8 : ON, Duty cycle < 70%
O1 – O8 : ON, Duty cycle < 15%
200
200
EN, LATCH
T, S-IN
O1 – O8


Similar Part No. - M54972P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54974P MITSUBISHI-M54974P Datasheet
654Kb / 6P
   Bi-CMOS 12-BIT SERIAL-INPUT LATCHED DRIVER
M54975 MITSUBISHI-M54975 Datasheet
565Kb / 5P
   Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
M54975FP MITSUBISHI-M54975FP Datasheet
565Kb / 5P
   Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
M54975P MITSUBISHI-M54975P Datasheet
565Kb / 5P
   Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
M54977 MITSUBISHI-M54977 Datasheet
500Kb / 6P
   Bi-CMOS 12-BIT SERIAL-INPUT LATCHED DRIVER
More results

Similar Description - M54972P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54975P MITSUBISHI-M54975P Datasheet
565Kb / 5P
   Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
M54995P MITSUBISHI-M54995P Datasheet
354Kb / 5P
   Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
M54974P MITSUBISHI-M54974P Datasheet
654Kb / 6P
   Bi-CMOS 12-BIT SERIAL-INPUT LATCHED DRIVER
M54992P MITSUBISHI-M54992P Datasheet
142Kb / 7P
   Bi-CMOS 24-BIT SERIAL-INPUT LATCHED DRIVER
M54977P MITSUBISHI-M54977P Datasheet
500Kb / 6P
   Bi-CMOS 12-BIT SERIAL-INPUT LATCHED DRIVER
M56620AP MITSUBISHI-M56620AP Datasheet
417Kb / 6P
   Bi-CMOS 8-BIT PARALLEL-INPUT LATCHED DRIVER
M56693FP MITSUBISHI-M56693FP Datasheet
1Mb / 5P
   Bi-CMOS & DMOS 32BIT SERIAL-INPUT LATCHED DRIVER
M56694FP MITSUBISHI-M56694FP Datasheet
741Kb / 5P
   Bi-CMOS & DMOS 32BIT SERIAL-INPUT LATCHED DRIVER
M56692FP MITSUBISHI-M56692FP Datasheet
412Kb / 5P
   Bi-CMOS & DMOS 32BIT SERIAL-INPUT LATCHED DRIVER
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com