Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1-1T-X65 Datasheet(PDF) 1 Page - Mini-Circuits

Part # T1-1T-X65
Description  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

T1-1T-X65 Datasheet(HTML) 1 Page - Mini-Circuits

  T1-1T-X65 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
A
B
C
D
E
F
G
.30
.27
.23
.010
.042
.020
.100
7.62
6.86
5.84
0.25
1.07
0.51
2.54
H
J
K
L
M
wt
.05
.04
.11
.300
.35
grams
1.27
1.02
2.79
7.62
8.89
0.50
50Ω
0.08 to 200 MHz
RF Transformer
Plug-In
T1-1T-X65+
T1-1T-X65
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Outline Drawing
Transformer Electrical Specifications
REV. B
M151107
T1-1T-X65
IG/TD/CP
151007
Typical Performance Data
Config. A
RATIO
FREQUENCY
(MHz)
INSERTION LOSS*
3 dB
MHz
2 dB
MHz
1 dB
MHz
1
0.08-200
.08-200
0.15-150
0.2-80
*Insertion Loss is referenced to mid-band loss, 0.3 dB typ.
PRIMARY DOT
4
PRIMARY
6
SECONDARY DOT
3
SECONDARY
1
SECONDARY CT
2
NOT USED
5
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
0.05
2.78
1.64
0.08
1.18
4.39
0.20
0.52
9.45
0.50
0.38
16.31
1.00
0.36
19.67
80.00
0.64
9.96
99.33
0.76
8.80
150.00
1.23
5.83
192.51
1.60
4.60
200.00
1.63
4.55
Features
• wideband, 0.08 to 200 MHz
• excellent return loss
• also available with flat-pack (W38) & surface mount
gull-wing (KK81) leads.
Applications
• VHF
• receivers/transmitters
T1-1T-X65
INSERTION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
T1-1T-X65
INPUT RETURN LOSS
0
5
10
15
20
25
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: X65
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - T1-1T-X65

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
T1-1T-KK81 MINI-T1-1T-KK81 Datasheet
162Kb / 1P
   RF Transformer
T1-1T-KK81++ MINI-T1-1T-KK81+ Datasheet
162Kb / 1P
   RF Transformer
More results

Similar Description - T1-1T-X65

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com