Electronic Components Datasheet Search |
|
BS62LV8006FCP55 Datasheet(PDF) 3 Page - Brilliance Semiconductor |
|
BS62LV8006FCP55 Datasheet(HTML) 3 Page - Brilliance Semiconductor |
3 / 9 page Revision 2.1 Jan. 2004 3 R0201-BS62LV8006 1. Typical characteristics are at TA = 25oC. 2. Fmax = 1/t RC . 3. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included. 4. Icc_Max. is 75mA@55ns/0~70oC. ; Icc_Max. is 60mA@70ns/0~70oC. 5.IccsB1 is 55uA at Vcc=5.0V and TA=70oC. DATA RETENTION CHARACTERISTICS ( TA = -40 to + 85oC ) 1. Vcc = 1.5V, TA = + 25OC 2. t RC = Read Cycle Time 3. IccDR(Max.) is 1.3uA at TA=70OC. DC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC ) BSI LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled ) CE1 Data Retention Mode Vcc t CDR Vcc t R VIH VIH Vcc VDR 1.5V ≥ CE1 Vcc - 0.2V ≥ BS62LV8006 SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. (1) MAX. UNITS VDR Vcc for Data Retention CE1≧ Vcc - 0.2V or CE2 ≦ 0.2V, VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V 1.5 -- -- V ICCDR (3) Data Retention Current CE1 ≧ Vcc - 0.2V or CE2 ≦ 0.2V, VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V -- 0.8 2.5 uA tCDR Chip Deselect to Data Retention Time 0 -- -- ns tR Operation Recovery Time See Retention Waveform TRC (2) -- -- ns PARAMETER NAME PARAMETER TEST CONDITIONS MIN. TYP. (1) MAX. UNITS VIL Guaranteed Input Low Voltage (3) Vcc=5V -0.5 -- 0.8 V VIH Guaranteed Input High Voltage (3) Vcc=5V 2.2 -- Vcc+0.3 V IIL Input Leakage Current Vcc = Max, VIN = 0V to Vcc -- -- 1 uA ILO Output Leakage Current Vcc = Max, CE1 = VIH or CE2 = VIL or OE = VIH, VI/O = 0V to Vcc -- -- 1 uA VOL Output Low Voltage Vcc = Max, IOL = 2mA Vcc=5V -- -- 0.4 V VOH Output High Voltage Vcc = Min, IOH = -1mA Vcc=5V 2.4 -- -- V 55ns -- -- 76 ICC (4) Operating Power Supply Current CE1= VIL, CE2= VIH, IDQ = 0mA, F = Fmax (2) 70ns Vcc=5V -- -- 61 mA ICCSB Standby Current-TTL CE1 = VIH or CE2= VIL, IDQ = 0mA Vcc=5V -- -- 2 mA ICCSB1 (5) Standby Current-CMOS CE1≧Vcc-0.2V or CE2≦0.2V VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V Vcc=5V -- 8 110 uA LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled ) CE2 Data Retention Mode Vcc t CDR Vcc t R VIL VIL Vcc VDR ≧ 1.5V CE2 ≦ 0.2V |
Similar Part No. - BS62LV8006FCP55 |
|
Similar Description - BS62LV8006FCP55 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |