Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5233-3GDP5 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5233-3GDP5
Description  500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5233-3GDP5 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5233-3GDP5 Datasheet HTML 2Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 3Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 4Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 5Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 6Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 7Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 8Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 9Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CS5233−3
http://onsemi.com
6
Junction Temperature (
°C)
4.52
4.50
4.48
4.46
120
0
4.38
100
80
60
40
20
4.44
4.42
4.40
VIN
Turn−On
Threshold
VIN
Turn−Off
Threshold
Figure 9. VIN Threshold vs. Junction
Temperature, Typical Minimum and Maximum
Threshold Voltages to Switch AuxDrv Control
Junction Temperature (
°C)
4.5
120
0
4.3
100
80
60
40
20
4.4
VIN = 4.65 V
Figure 10. AuxDrv High Voltage vs. Junction
Temperature
Input Voltage (V)
4.0
0
0
4.0
2.0
2.0
125
°C
4.5
27
°C
0
°C
Figure 11. AuxDrv Voltage vs. Input Voltage
(VSB or VIN) at Three Temperatures


Similar Part No. - CS5233-3GDP5

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
   Charge Pump
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
ON Semiconductor
CS5231-3 ONSEMI-CS5231-3 Datasheet
146Kb / 14P
   500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
CS5231-3GDF8 ONSEMI-CS5231-3GDF8 Datasheet
146Kb / 14P
   500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
CS5231-3GDFR8 ONSEMI-CS5231-3GDFR8 Datasheet
146Kb / 14P
   500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
More results

Similar Description - CS5233-3GDP5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5231-3 ONSEMI-CS5231-3 Datasheet
146Kb / 14P
   500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com