Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG413AK Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG413AK
Description  Monolithic Quad SPST CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG413AK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button DG413AK Datasheet HTML 2Page - Intersil Corporation DG413AK Datasheet HTML 3Page - Intersil Corporation DG413AK Datasheet HTML 4Page - Intersil Corporation DG413AK Datasheet HTML 5Page - Intersil Corporation DG413AK Datasheet HTML 6Page - Intersil Corporation DG413AK Datasheet HTML 7Page - Intersil Corporation DG413AK Datasheet HTML 8Page - Intersil Corporation DG413AK Datasheet HTML 9Page - Intersil Corporation DG413AK Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
DG411/883, DG412/883, DG413/883
Die Characteristics
DIE DIMENSIONS:
2760
µm x 1780µm x 485 ± 25µm
METALLIZATION:
Type: SiAl
Thickness: 12k
Å ± 1kÅ
GLASSIVATION:
Type: Nitride
Thickness: 8k
Å ± 1kÅ
WORST CASE CURRENT DENSITY:
1.5 x 105A/cm2
Metallization Mask Layout
DG411/883, DG412/883, DG413/883
S1
V-
GND
S4
D4
IN4
IN3
D3
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
IN2
IN1
D1
S3
VL
V+ SUBSTRATE
S2
D2
Spec Number
512043


Similar Part No. - DG413AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG413AK MAXIM-DG413AK Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
logo
Vishay Siliconix
DG413AK VISHAY-DG413AK Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
logo
Maxim Integrated Produc...
DG413AK MAXIM-DG413AK Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG413AK MAXIM-DG413AK Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
logo
Intersil Corporation
DG413AK/883 INTERSIL-DG413AK/883 Datasheet
765Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
More results

Similar Description - DG413AK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com