Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT28F032B3T110 Datasheet(PDF) 3 Page - Intel Corporation

Part # GT28F032B3T110
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F032B3T110 Datasheet(HTML) 3 Page - Intel Corporation

  GT28F032B3T110 Datasheet HTML 1Page - Intel Corporation GT28F032B3T110 Datasheet HTML 2Page - Intel Corporation GT28F032B3T110 Datasheet HTML 3Page - Intel Corporation GT28F032B3T110 Datasheet HTML 4Page - Intel Corporation GT28F032B3T110 Datasheet HTML 5Page - Intel Corporation GT28F032B3T110 Datasheet HTML 6Page - Intel Corporation GT28F032B3T110 Datasheet HTML 7Page - Intel Corporation GT28F032B3T110 Datasheet HTML 8Page - Intel Corporation GT28F032B3T110 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
3
PRELIMINARY
CONTENTS
PAGE
PAGE
1.0 INTRODUCTION .............................................5
1.1 Smart 3 Advanced Boot Block Flash
Memory Enhancements ..............................5
1.2 Product Overview.........................................6
2.0 PRODUCT DESCRIPTION..............................6
2.1 Package Pinouts ..........................................6
2.2 Block Organization .....................................11
2.2.1 Parameter Blocks ................................11
2.2.2 Main Blocks .........................................11
3.0 PRINCIPLES OF OPERATION .....................11
3.1 Bus Operation ............................................12
3.1.1 Read....................................................13
3.1.2 Output Disable.....................................13
3.1.3 Standby ...............................................13
3.1.4 Deep Power-Down / Reset ..................13
3.1.5 Write....................................................13
3.2 Modes of Operation....................................14
3.2.1 Read Array ..........................................14
3.2.2 Read Identifier .....................................15
3.2.3 Read Status Register ..........................16
3.2.4 Program Mode.....................................16
3.2.5 Erase Mode .........................................17
3.3 Block Locking.............................................20
3.3.1 WP# = VIL for Block Locking................20
3.3.2 WP# = VIH for Block Unlocking ............20
3.4 VPP Program and Erase Voltages ..............20
3.4.1 VPP = VIL for Complete Protection .......20
3.5 Power Consumption ...................................20
3.5.1 Active Power .......................................21
3.5.2 Automatic Power Savings (APS) .........21
3.5.3 Standby Power ....................................21
3.5.4 Deep Power-Down Mode.....................21
3.6 Power-Up/Down Operation.........................21
3.6.1 RP# Connected to System Reset ........21
3.6.2 VCC, VPP and RP# Transitions .............21
3.7 Power Supply Decoupling ..........................22
4.0 ELECTRICAL SPECIFICATIONS..................23
4.1 Absolute Maximum Ratings ........................23
4.2 Operating Conditions..................................24
4.3 Capacitance ...............................................24
4.4 DC Characteristics .....................................25
4.5 AC Characteristics—Read Operations .......28
4.6 AC Characteristics—Write Operations........30
4.7 Program and Erase Timings .......................31
5.0 RESET OPERATIONS ..................................33
6.0 ORDERING INFORMATION..........................34
7.0 ADDITIONAL INFORMATION .......................36
APPENDIX A: Write State Machine
Current/Next States.....................................37
APPENDIX B: Access Time vs.
Capacitive Load...........................................38
APPENDIX C: Architecture Block Diagram ......39
APPENDIX D: Word-Wide Memory Map
Diagrams......................................................40
APPENDIX E: Byte Wide Memory Map
Diagrams......................................................43
APPENDIX F: Program and Erase Flowcharts .45


Similar Part No. - GT28F032B3T110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F032C3B110 INTEL-GT28F032C3B110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3B90 INTEL-GT28F032C3B90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3T110 INTEL-GT28F032C3T110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3T90 INTEL-GT28F032C3T90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - GT28F032B3T110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com