Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT20807QI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT20807QI
Description  2.5V CMOS 1-TO-10 CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT20807QI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT20807QI Datasheet HTML 1Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 2Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 3Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 4Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 5Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FCT20807
2.5V CMOS 1-TO-10 CLOCK DRIVER
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 2.5V, +25°C ambient.
3. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
4
. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fi = Input Frequency
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VTERM(2)
TerminalVoltagewithRespecttoGND
–0.5 to +4.6
V
VTERM(3)
TerminalVoltagewithRespecttoGND
–0.5 to +5.5
V
VTERM(4)
TerminalVoltagewithRespecttoGND
–0.5toVCC+0.5
V
TSTG
StorageTemperature
–65to+150
°C
IOUT
DCOutputCurrent
–60to+60
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. Input terminals.
4. Outputs and I/O terminals.
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
3
4
pF
NOTE:
1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names
Description
IN
Clock Inputs
Ox
ClockOutputs
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
ICCL
Quiescent Power Supply Current
VCC = Max.
0.1
20
µA
ICCH
TTL Inputs HIGH
VIN = GND or VCC
∆ICC
Power Supply Current per
VCC = Max.
45
300
µA
Input HIGH
VIN = VCC –0.6V
ICCD
Dynamic Power Supply Current
VCC = 2.7V
150 MHz
40
µA
perOutput(3)
15 pF
/MHz
VCC = Max.
VIN = VCC
—65
90
IC
TotalPowerSupplyCurrent(4)
CL = 12pF
VIN = GND
mA
Alloutputstoggling
VIN = VCC –0.6V
75
100
fi = 150MHz
VIN = GND


Similar Part No. - IDT74FCT20807QI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT20807 RENESAS-IDT74FCT20807 Datasheet
217Kb / 7P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT74FCT20807QI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT20807 RENESAS-IDT74FCT20807 Datasheet
217Kb / 7P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com