Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT20807QI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT20807QI
Description  2.5V CMOS 1-TO-10 CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT20807QI Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT20807QI Datasheet HTML 1Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 2Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 3Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 4Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 5Page - Integrated Device Technology IDT74FCT20807QI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT74FCT20807
2.5V CMOS 1-TO-10 CLOCK DRIVER
ORDERING INFORMATION
IDT74FCT
Temp. Range
XXXX
Device Type
X
Package
20807
1-to-10 2.5V Clock Driver
PY
Q
Shrink Small Outline IC
Quarter-size Small Outline IC
X
I
Industrial (-40°C to +85°C)
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com


Similar Part No. - IDT74FCT20807QI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT20807 RENESAS-IDT74FCT20807 Datasheet
217Kb / 7P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT74FCT20807QI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT20807 RENESAS-IDT74FCT20807 Datasheet
217Kb / 7P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20805A PULSECORE-PCS2P20805A Datasheet
466Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com