Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C64BKI-15T Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT28C64BKI-15T
Description  64K-Bit CMOS PARALLEL E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C64BKI-15T Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT28C64BKI-15T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C64BKI-15T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C64BKI-15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C64BKI-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C64BKI-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C64BKI-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C64BKI-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C64BKI-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C64BKI-15T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CAT28C64B
64K-Bit CMOS PARALLEL E2PROM
FEATURES
s Fast Read Access Times:
– 120/150ns
s Low Power CMOS Dissipation:
– Active: 25 mA Max.
– Standby: 100
µA Max.
s Simple Write Operation:
– On-Chip Address and Data Latches
– Self-Timed Write Cycle with Auto-Clear
s Fast Write Cycle Time:
– 5ms Max.
s CMOS and TTL Compatible I/O
s Hardware and Software Write Protection
DESCRIPTION
The CAT28C64B is a fast, low power, 5V-only CMOS
Parallel E2PROM organized as 8K x 8-bits. It requires a
simple interface for in-system programming. On-chip
address and data latches, self-timed write cycle with
auto-clear and VCC power up/down write protection
eliminate additional timing and protection hardware.
DATA Polling and Toggle status bits signal the start and
end of the self-timed write cycle. Additionally, the
CAT28C64B features hardware and software write pro-
tection.
5094 FHD F02
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
WRITE
PROTECTION
CONTROL
LOGIC
TIMER
ROW
DECODER
COLUMN
DECODER
HIGH VOLTAGE
GENERATOR
A5–A12
CE
OE
WE
A0–A4
I/O0–I/O7
I/O BUFFERS
8,192 x 8
E2PROM
ARRAY
32 BYTE PAGE
REGISTER
VCC
DATA POLLING
AND
TOGGLE BIT
BLOCK DIAGRAM
s Commercial, Industrial and Automotive
Temperature Ranges
s Automatic Page Write Operation:
– 1 to 32 Bytes in 5ms
– Page Load Timer
s End of Write Detection:
– Toggle Bit
DATA
DATA
DATA
DATA
DATA Polling
s 100,000 Program/Erase Cycles
s 100 Year Data Retention
The CAT28C64B is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed to
endure 100,000 program/erase cycles and has a data
retention of 100 years. The device is available in JEDEC-
approved 28-pin DIP, 28-pin TSOP, 28-pin SOIC, or, 32-
pin PLCC package .
© 1999 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 25006-0A 2/98 P-1


Similar Part No. - CAT28C64BKI-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C64BKI-15T CATALYST-CAT28C64BKI-15T Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28C64BKI-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C65B CATALYST-CAT28C65B Datasheet
60Kb / 11P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C64A CATALYST-CAT28C64A Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com