Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9349L6PFI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70V9349L6PFI
Description  HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9349L6PFI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70V9349L6PFI Datasheet HTML 4Page - Integrated Device Technology IDT70V9349L6PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V9349L6PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V9349L6PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V9349L6PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V9349L6PFI Datasheet HTML 9Page - Integrated Device Technology IDT70V9349L6PFI Datasheet HTML 10Page - Integrated Device Technology IDT70V9349L6PFI Datasheet HTML 11Page - Integrated Device Technology IDT70V9349L6PFI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
6.42
IDT70V9359/49L
High-Speed 3.3V 8/4K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
8
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3) ( VDD= 3.3V ± 0.3V, TA = 0°C to +70°C)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device characteriza-
tion, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) apply to either or both the Left and Right ports when FT/PIPE = VIH. Flow-through parameters (tCYC1, tCD1) apply
when FT/PIPE = VIL for that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE), FT/PIPER, and FT/PIPEL.
70V9359/49L6
Com'l Only
70V9359/49L7
Com'l & Ind
70V9359/49L9
Com'l Only
Symbol
Parameter
Min.Max.Min.
Max.Min.
Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)(2)
19
____
22
____
25
____
ns
tCYC2
Clock Cycle Time (Pipelined)(2)
10
____
12
____
15
____
ns
tCH1
Clock High Time (Flow-Through)(2)
6.5
____
7.5
____
12
____
ns
tCL1
Clock Low Time (Flow-Through)(2)
6.5
____
7.5
____
12
____
ns
tCH2
Clock High Time (Pipelined)(2)
4
____
5
____
6
____
ns
tCL2
Clock Low Time (Pipelined)(2)
4
____
5
____
6
____
ns
tR
Clock Rise Time
____
3
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3
____
3ns
tSA
Address Setup Time
3.5
____
4
____
4
____
ns
tHA
Address Hold Time
0
____
0
____
1
____
ns
tSC
Chip Enable Setup Time
3.5
____
4
____
4
____
ns
tHC
Chip Enable Hold Time
0
____
0
____
1
____
ns
tSB
Byte Enable Setup Time
3.5
____
4
____
4
____
ns
tHB
Byte Enable Hold Time
0
____
0
____
1
____
ns
tSW
R/W Setup Time
3.5
____
4
____
4
____
ns
tHW
R/W Hold Time
0
____
0
____
1
____
ns
tSD
Input Data Setup Time
3.5
____
4
____
4
____
ns
tHD
Input Data Hold Time
0
____
0
____
1
____
ns
tSAD
ADS
Setup Time
3.5
____
4
____
4
____
ns
tHAD
ADS
Hold Time
0
____
0
____
1
____
ns
tSCN
CNTEN
Setup Time
3.5
____
4
____
4
____
ns
tHCN
CNTEN
Hold Time
0
____
0
____
1
____
ns
tSRST
CNTRST
Setup Time
3.5
____
4
____
4
____
ns
tHRST
CNTRST
Hold Time
0
____
0
____
1
____
ns
tOE
Output Enable to Data Valid
____
6.5
____
7.5
____
9ns
tOLZ
Output Enable to Output Low-Z(1)
2
____
2
____
2
____
ns
tOHZ
Output Enable to Output High-Z(1)
17
17
1
7
ns
tCD1
Clock to Data Valid (Flow-Through)(2)
____
15
____
18
____
20
ns
tCD2
Clock to Data Valid (Pipelined)(2)
____
6.5
____
7.5
____
9ns
tDC
Data Output Hold After Clock High
2
____
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z(1)
29
29
2
9
ns
tCKLZ
Clock High to Output Low-Z(1)
2
____
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock High to Read Data Delay
____
24
____
28
____
35
ns
tCCS
Clock-to-Clock Setup Time
____
9
____
10
____
15
ns
5638 tbl 11


Similar Part No. - IDT70V9349L6PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9349L6PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com