Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V65703S80BQ Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71V65703S80BQ
Description  256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V65703S80BQ Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71V65703S80BQ Datasheet HTML 1Page - Integrated Device Technology IDT71V65703S80BQ Datasheet HTML 2Page - Integrated Device Technology IDT71V65703S80BQ Datasheet HTML 3Page - Integrated Device Technology IDT71V65703S80BQ Datasheet HTML 4Page - Integrated Device Technology IDT71V65703S80BQ Datasheet HTML 5Page - Integrated Device Technology IDT71V65703S80BQ Datasheet HTML 6Page - Integrated Device Technology IDT71V65703S80BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V65703S80BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V65703S80BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DECEMBER 2002
DSC-5298/03
1
©2002 Integrated Device Technology, Inc.
Pin Description Summary
cycle, and on the next clock cycle the associated data cycle occurs, be it
read or write.
The IDT71V65703/5903 contain address, data-in and control signal
registers. The outputs are flow-through (no output data register). Output
enable is the only asynchronous signal and can be used to disable the
outputs at any given time.
A Clock Enable (
CEN) pin allows operation of the IDT71V65703/5903
tobesuspendedaslongasnecessary.Allsynchronousinputsareignoredwhen
CENishighandtheinternaldeviceregisterswillholdtheirpreviousvalues.
There are three chip enable pins (
CE1, CE2, CE2) that allow the
user to deselect the device when desired. If any one of these three is not
assertedwhenADV/
LDislow,nonewmemoryoperationcanbeinitiated.
However, any pending data transfers (reads or writes) will be completed.
The data bus will tri-state one cycle after the chip is deselected or a write
isinitiated.
The IDT71V65703/5903 have an on-chip burst counter. In the burst
mode, the IDT71V65703/5903 can provide four cycles of data for a single
address presented to the SRAM. The order of the burst sequence is
defined by the
LBO input pin. The LBO pin selects between linear and
interleaved burst sequence. The ADV/
LD signal is used to load a new
externaladdress(ADV/
LD=LOW)orincrementtheinternalburstcounter
(ADV/
LD = HIGH).
The IDT71V65703/5903 SRAMs utilize IDT’s latest high-performance
CMOSprocessandarepackagedinaJEDECStandard14mmx20mm100-
pin plastic thin quad flatpack (TQFP), 119 ball grid array (BGA) and a 165
fine pitch ball grid array (fBGA).
Features
x
x
x
x
x
256K x 36, 512K x 18 memory configurations
x
x
x
x
x
Supports high performance system speed - 100 MHz
(7.5 ns Clock-to-Data Access)
x
x
x
x
x
ZBTTM Feature - No dead cycles between write and read
cycles
x
x
x
x
x
Internally synchronized output buffer enable eliminates the
need to control
OE
x
x
x
x
x
Single R/
W (READ/WRITE) control pin
x
x
x
x
x
4-word burst capability (Interleaved or linear)
x
x
x
x
x
Individual byte write (
BW1 - BW4) control (May tie active)
x
x
x
x
x
Three chip enables for simple depth expansion
x
x
x
x
x
3.3V power supply (±5%)
x
x
x
x
x
3.3V (±5%) I/O Supply (VDDQ)
x
x
x
x
x
Power down controlled by ZZ input
x
x
x
x
x
Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch
ball grid array (fBGA).
Description
The IDT71V65703/5903 are 3.3V high-speed 9,437,184-bit
(9 Megabit) synchronous SRAMs organized as 256K x 36 / 512K x 18.
They are designed to eliminate dead bus cycles when turning the bus
around between reads and writes, or writes and reads. Thus they have
been given the name ZBTTM, or Zero Bus Turnaround.
AddressandcontrolsignalsareappliedtotheSRAMduringoneclock
A0-A18
Address Inputs
Input
Synchronous
CE1, CE2, CE2
Chip Enables
Input
Synchronous
OE
Output Enable
Input
Asynchronous
R/
W
Read/Write Signal
Input
Synchronous
CEN
Clock Enable
Input
Synchronous
BW1, BW2, BW3, BW4
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV/
LD
Advance Burst Address/Load New Address
Input
Synchronous
LBO
Linear/Interleaved Burst Order
Input
Static
ZZ
Sleep Mode
Input
Asynchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input/Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
Static
VSS
Ground
Supply
Static
5298 tbl 01
IDT71V65703
IDT71V65903
256K x 36, 512K x 18
3.3V Synchronous ZBT™ SRAMs
3.3V I/O, Burst Counter
Flow-Through Outputs
ZBT and Zero Bus Turnaround are trademarks of Integrated Device Technology, Inc. and the architecture is supported by Micron Technology and Motorola, Inc.


Similar Part No. - IDT71V65703S80BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65703 IDT-IDT71V65703 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V6570375BGG IDT-IDT71V6570375BGG Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V6570375BGG8 IDT-IDT71V6570375BGG8 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V6570375BGGI IDT-IDT71V6570375BGGI Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V6570375BGGI8 IDT-IDT71V6570375BGGI8 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
More results

Similar Description - IDT71V65703S80BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
logo
GSI Technology
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
GSI Technology
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com