Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFH22N55 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFH22N55
Description  HiPerFET Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH22N55 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFH22N55 Datasheet HTML 1Page - IXYS Corporation IXFH22N55 Datasheet HTML 2Page - IXYS Corporation IXFH22N55 Datasheet HTML 3Page - IXYS Corporation IXFH22N55 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
IXFH 22N55
Fig. 1 Output Characteristics
Fig. 2 Input Admittance
Fig. 5 Drain Current vs.
Fig. 6 Temperature Dependence of
Case Temperature
Breakdown and Threshold Voltage
Fig. 3 R
DS(on) vs. Drain Current
Fig. 4 Temperature Dependence
of Drain to Source Resistance
5V
6V
T
J - Degrees C
-50
-25
0
25
50
75
100
125
150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T
C - Degrees C
0
25
50
75
100
125
150
0
5
10
15
20
25
T
J - Degrees C
-50
-25
0
25
50
75
100
125
150
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
I
D - Amperes
0
5
10
15
20
25
30
35
40
0.9
1.0
1.1
1.2
1.3
1.4
1.5
V
GS = 10V
T
J = 25°C
V
GS - Volts
01
2345
6789
10
0
10
20
30
40
T
J = 25°C
V
DS = 20V
V
DS - Volts
0
5
10
15
20
0
10
20
30
40
V
GS(th)
V
GS = 15V
V
GS = 10V
9V
BV
DSS
V
GS = 10V
I
D = 11A
T
J = 25°C


Similar Part No. - IXFH22N55

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH22N55 ISC-IXFH22N55 Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH22N55

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
   HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
   HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
   HiPerFET Power MOSFET
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
   HiPerFET Power MOSFET
IXFN72N55Q2 IXYS-IXFN72N55Q2 Datasheet
560Kb / 4P
   HiPerFET Power MOSFET
IXFF24N100 IXYS-IXFF24N100_06 Datasheet
182Kb / 4P
   HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
   HiPerFET Power MOSFET
IXFN43N60 IXYS-IXFN43N60 Datasheet
82Kb / 2P
   HiPerFET Power MOSFET
IXFN170N10 IXYS-IXFN170N10 Datasheet
145Kb / 4P
   HiPerFET Power MOSFET
IXFK55N50 IXYS-IXFK55N50 Datasheet
577Kb / 4P
   HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com