Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9349L9PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70V9349L9PFI
Description  HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9349L9PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70V9349L9PFI Datasheet HTML 1Page - Integrated Device Technology IDT70V9349L9PFI Datasheet HTML 2Page - Integrated Device Technology IDT70V9349L9PFI Datasheet HTML 3Page - Integrated Device Technology IDT70V9349L9PFI Datasheet HTML 4Page - Integrated Device Technology IDT70V9349L9PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V9349L9PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V9349L9PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V9349L9PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V9349L9PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2003 Integrated Device Technology, Inc.
AUGUST 2003
DSC-5638/3
1
Functional Block Diagram
Features:
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed clock to data access
– Commercial: 6.5/7.5/9ns (max.)
– Industrial: 7.5ns (max.)
Low-power operation
– IDT70V9359/49L
Active: 450mW (typ.)
Standby: 1.5mW (typ.)
Flow-Through or Pipelined output mode on either port via
the FT/PIPE pins
Counter enable and reset features
Dual chip enables allow for depth expansion without
additional logic
Full synchronous operation on both ports
– 3.5ns setup to clock and 0ns hold on all control, data, and
addressinputs
– Data input, address, and control registers
– Fast 6.5ns clock to data out in the Pipelined output mode
– Self-timedwriteallowsfastcycletime
– 10ns cycle time, 100MHz operation in Pipelined output mode
Separate upper-byte and lower-byte controls for
multiplexed bus and bus matching compatibility
LVTTL- compatible, single 3.3V (±0.3V) power supply
Industrial temperature range (–40°C to +85°C) is
available for 83 MHz
Available in a 100-pin Thin Quad Flatpack (TQFP) and 100-
pin Fine Pitch Ball Grid Array (fpBGA) packages.
IDT70V9359/49L
0a 1a
0b 1b
0/1
ab
I/O
Control
1
0/1
0
FT/PIPER
R/WR
UBR
LBR
CE0R
OER
CE1R
MEMORY
ARRAY
Counter/
Address
Reg.
5638 drw 01
A12R(1)
A0R
CLKR
ADSR
CNTENR
CNTRSTR
I/O9L-I/O17L
I/O0L-I/O8L
I/O9R-I/O17R
I/O0R-I/O8R
A0L
CLKL
ADSL
A12L(1)
CNTENL
CNTRSTL
Counter/
Address
Reg.
R/WL
UBL
LBL
CE0L
OEL
CE1L
1
0/1
0
1b 0b
1a 0a
0/1
ba
I/O
Control
FT/PIPEL
HIGH-SPEED 3.3V 8/4K x 18
SYNCHRONOUS PIPELINED
DUAL-PORT STATIC RAM
NOTE:
1. A12 is a NC for IDT70V9349.


Similar Part No. - IDT70V9349L9PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9349L9PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com