Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V65903S80BGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V65903S80BGI
Description  256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V65903S80BGI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V65903S80BGI Datasheet HTML 1Page - Integrated Device Technology IDT71V65903S80BGI Datasheet HTML 2Page - Integrated Device Technology IDT71V65903S80BGI Datasheet HTML 3Page - Integrated Device Technology IDT71V65903S80BGI Datasheet HTML 4Page - Integrated Device Technology IDT71V65903S80BGI Datasheet HTML 5Page - Integrated Device Technology IDT71V65903S80BGI Datasheet HTML 6Page - Integrated Device Technology IDT71V65903S80BGI Datasheet HTML 7Page - Integrated Device Technology IDT71V65903S80BGI Datasheet HTML 8Page - Integrated Device Technology IDT71V65903S80BGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
6.42
4
IDT71V65703, IDT71V65903, 256K x 36, 512K x 18, 3.3V Synchronous ZBT™ SRAMs with
3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
Functional Block Diagram — 512K x 18
Recommended DC Operating
Conditions
NOTE:
1. VIL (min.) = –1.0V for pulse width less than tCYC/2, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDQ
I/O Supply Voltage
3.135
3.3
3.465
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage - Inputs
2.0
____
VDD + 0.3
V
VIH
Input High Voltage - I/O
2.0
____
VDDQ + 0.3
V
VIL
Input Low Voltage
-0.3
(1)
____
0.8
V
5298 tbl 04
Clk
DQ
DQ
DQ
Address A [0:18]
Control Logic
Address
Control
DI
DO
5298 drw 01a
Clock
Data I/O [0:15], I/O P[1:2]
Mux
Sel
Gate
OE
CE1,CE2 CE2
R/
W
CEN
ADV/
LD
BWx
LBO
512K x 18 BIT
MEMORY ARRAY
,


Similar Part No. - IDT71V65903S80BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V6590375BGG IDT-IDT71V6590375BGG Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V6590375BGG8 IDT-IDT71V6590375BGG8 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V6590375BGGI IDT-IDT71V6590375BGGI Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V6590375BGGI8 IDT-IDT71V6590375BGGI8 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V6590375BQG IDT-IDT71V6590375BQG Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
More results

Similar Description - IDT71V65903S80BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
logo
GSI Technology
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
GSI Technology
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com