Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL5KUSB201 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 10Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 11Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 12Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 14Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 11/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
6. Signal Description
Table 6 describes signal function description and related name in UTMI.
Table 6 Signal Description
No
Signal Name
I/O
Description
UTMI
name
1
REXT
O
Reference bias current pin. Connect to GND via
external resistor Rext.
--
2
HSDP
I/O
High Speed DP pin. Connect to USB Bus D+.
DP
3
HSDM
I/O
High Speed DM pin. Connect to USB Bus D-.
DM
4
RPU_ENA
O
Pull up resister source pin. Connect to external
resistor Rpu, which is tied to USB bus D+.
RPU_ENA
becomes
3-state
in
High
Speed
operation.
--
5
FSDP
I/O
Full Speed DP pin. Connect to USB Bus D+ via
termination resistor Rs.
(DP)
6
FSDM
I/O
Full Speed DM pin. Connect to USB Bus D- via
termination resistor Rs.
(DM)
7
XIN
I
48MHz clock input pin. Connect to crystal oscillator
or crystal oscillation circuit.
--
8
XOUT
O
48MHz clock output pin for crystal oscillation circuit.
--
9
FS_HSN
I
USB bus speed control pin.
XcvrSelect
10
PU_SE0N
I
Termination control pin. With FS_HSN and MODE,
LSI operation mode is selected.
TermSelect
11
CKOUT
O
SIE bus clock pin. Frequency is 30MHz.
CLK
12
RXACT
O
USB packet received signal.
RXActive
13
RXVLD
O
SIE bus out data valid signal. Active H.
RXValid
(RXValidH)
14
CRCERR
O
CRC error detection signal. Active when CRC logic
is enabled.
--
15
RXERR
O
Receive error detection signal. RX error indicator
except for CRC error.
RXError
16
TXACT
I
USB bus data transmit control signal. SIE bus
switches from output to input when active.
TXValid
(TXValidH)
17
TXRDY
O
SIE input data ready signal. Valid when TXACT is
active.
TXReady
18
CRCACT
I
CRC detection logic enable signal. Also used for
data transmit abortion.
--
19
SIE_DAT[15:0]
I/O
16bit parallel 3-state SIE data bus. Synchronized
with CKOUT. Data direction is input when TXACT
assertion. Default direction is output.
Data15-8,
Data7-0
20
WDVLD
I/O
SIE data width indication signal. If last SIE data is a
byte data, WDVLD is asserted.
ValidH
21
RSTN
I
Hardreset signal. Active L. Assertion required when
power on and USB reset recognition.
RST
(assert H)


Similar Part No. - KL5KUSB201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB200 ETC1-KL5KUSB200 Datasheet
26Kb / 2P
   USB2.0 Transceiver
More results

Similar Description - KL5KUSB201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB200 ETC1-KL5KUSB200 Datasheet
26Kb / 2P
   USB2.0 Transceiver
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
[Old version datasheet]   IrDA COMPLIANT TRANSCEIVER
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com