Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1880 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1880
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1880 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1880 Datasheet HTML 2Page - Linear Technology LT1880 Datasheet HTML 3Page - Linear Technology LT1880 Datasheet HTML 4Page - Linear Technology LT1880 Datasheet HTML 5Page - Linear Technology LT1880 Datasheet HTML 6Page - Linear Technology LT1880 Datasheet HTML 7Page - Linear Technology LT1880 Datasheet HTML 8Page - Linear Technology LT1880 Datasheet HTML 9Page - Linear Technology LT1880 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1880
6
TYPICAL PERFOR A CE CHARACTERISTICS
CMRR vs Frequency
Gain vs Frequency
FREQUENCY (Hz)
0.1
100k
140
120
100
80
60
40
20
0
–20
–40
1880 G10
1
10M
10
100
1k
10k
1M
VS = ±15V
Slew Rate, Gain-Bandwidth
Product and Phase Margin vs
Temperature
TEMPERATURE (
°C)
–50
–25
0
25
50
1880 G16
75
0.5
0.4
0.3
1.14
1.12
1.10
68
64
60
100
GBW
VS = ±15V
ΦM
SLEW RATE
Gain and Phase vs Frequency
FREQUENCY (Hz)
10k
70
60
50
40
30
20
10
0
–10
–20
–30
100
80
60
40
20
0
–20
–40
–60
–80
–100
100k
1M
10M
1880 G13
VS = ±15V
PHASE SHIFT
GAIN
SETTLING TIME (
µs)
0
10
8
6
4
2
0
–2
–4
–6
–8
–10
10
20
25
1880 G14
515
30
35
40
0.1%
0.1%
0.01%
0.01%
VS = ±15V
AV = –1
SETTLING TIME (
µs)
0
10
8
6
4
2
0
–2
–4
–6
–8
–10
10
20
25
1880 G15
515
30
35
0.1%
0.1%
0.01%
0.01%
VS = ±15V
AV = 1
Settling Time vs Output Step
Settling Time vs Output Step
Slew Rate, Gain-Bandwidth
Product and Phase Margin vs
Power Supply
POWER SUPPLY (
±V)
0
2.5
5
7.5
10
1880 G17
12.5
0.5
0.4
0.3
1.12
1.11
1.10
64
60
56
15
GBW
TA = 25°C
ΦM
SLEW RATE
0.01 to 1Hz Noise
TIME (SEC)
0
80
1880 G09b
20
40
60
100
VS = ±15V
TA = 25°C
PSRR vs Frequency
FREQUENCY (Hz)
160
140
120
100
80
60
40
20
0
1880 G11
0.1
1
10
100
1k
10k
100k 1M
VS = ±15V
–PSRR
+PSRR
FREQUENCY (Hz)
160
140
120
100
80
60
40
20
0
1880 G12
1
10
100
1k
10k
100k
1M
VS = ±15V


Similar Part No. - LT1880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1880 LINER-LT1880 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LT1880 LINER-LT1880 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
More results

Similar Description - LT1880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
   Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com