Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5519EUF Datasheet(PDF) 7 Page - Linear Technology

Part # LT5519EUF
Description  0.7GHz to 1.4GHz High Linearity Upconverting Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5519EUF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5519EUF Datasheet HTML 3Page - Linear Technology LT5519EUF Datasheet HTML 4Page - Linear Technology LT5519EUF Datasheet HTML 5Page - Linear Technology LT5519EUF Datasheet HTML 6Page - Linear Technology LT5519EUF Datasheet HTML 7Page - Linear Technology LT5519EUF Datasheet HTML 8Page - Linear Technology LT5519EUF Datasheet HTML 9Page - Linear Technology LT5519EUF Datasheet HTML 10Page - Linear Technology LT5519EUF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT5519
7
5519f
APPLICATIO S I FOR ATIO
The LT5519 consists of a double-balanced mixer, a high
performance LO buffer and bias/enable circuits. The RF
and LO ports may be driven differentially; however, they
are intended to be used in single-ended mode by connect-
ing one input of each pair to ground. The IF input ports
must be DC-isolated from the source and driven differen-
tially. The IF input should be impedance-matched for the
desired input frequency. The LO input has an internal
broadband 50
Ω match with return loss better than 10dB
at frequencies up to 1800MHz. The RF output band ranges
from 700MHz to 1400MHz, with an internal RF trans-
former providing a 50
Ω impedance match across the
band. Low side or high side LO injection can be used.
IF Input Port
The IF inputs are connected to the emitters of the double-
balanced mixer transistors, as shown in Figure 3. These
pins are internally biased and an external resistor must be
connected from each IF pin to ground to set the current
through the mixer core. The circuit has been optimized to
work with 100
Ω resistors, which will result in approxi-
mately 18mA of DC current per side. For best LO leakage
performance, the resistors should be well matched; thus
resistors with 0.1% tolerance are recommended. If LO
leakage is not a concern, then lesser tolerance resistors
can be used. The symmetry of the layout is also important
for achieving optimum LO isolation.
The capacitors shown in Figure 3, C1 and C2, serve two
purposes. They provide DC isolation between the IF+ and
IF ports, thus preventing DC interactions that could
cause unpredictable variations in LO leakage. They also
improve the impedance match by canceling excess induc-
tance in the package and transformer. The input capacitor
value required to realize an impedance match at desired
frequency, f, can be estimated as follows:
CC
fL
L
IN
EXT
12
2
1
2
==
π+
() (
)
where; f is in units of Hz, LIN and LEXT are in Henry, and C1,
C2 are in Farad. LIN is the differential input inductance of
the LT5519, and is approximately 1.67nH. LEXT represents
the combined inductances of differential external compo-
nents and transmission lines. For the evaluation board
shown in Figure 10, LEXT = 4.21nH. Thus, for f = 140MHz,
the above formula gives C1 = C2 = 220pF.
Table 1 lists the differential IF input impedance and reflec-
tion coefficient for several frequencies. A 4:1 balun can be
used to transform the impedance up to about 50
Ω.
Table 1. IF Input Differential Impedance
FREQUENCY
DIFFERENTIAL
DIFFERENTIAL S11
(MHz)
INPUT IMPEDANCE
MAG
ANGLE
10
10.1 + j0.117
0.663
180
44
10.1 + j0.476
0.663
179
70
10.1 + j0.751
0.663
178
140
10.2 + j1.47
0.663
177
170
10.2 + j1.78
0.663
176
240
10.2 + j2.53
0.663
174
360
10.2 + j3.81
0.663
171
500
10.2 + j5.31
0.663
167
LO Input Port
The simplified circuit for the LO buffer input is shown in
Figure 4. The LO buffer amplifier consists of high speed
limiting differential amplifiers, optimized to drive the mixer
quad for high linearity. The LO+ and LOports can be
driven differentially; however, they are intended to be
driven by a single-ended source. An internal resistor
connected across the LO+ and LOinputs provides a
broadband 50
Ω impedance match. Because of the resis-
tive match, a DC voltage at the LO input is not recom-
mended. If the LO signal source output is not AC coupled,
then a DC blocking capacitor should be used at the LO
input.
Figure 3. IF Input with External Matching
C1
C2
C3
IFIN
50
T1
4:1
2
3
100
0.1%
100
0.1%
VCC
LT5519
IF+
IF
18mA
18mA
5519 F03


Similar Part No. - LT5519EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5519 LINER-LT5519 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5519EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
logo
Broadcom Corporation.
ALM-32120 BOARDCOM-ALM-32120 Datasheet
741Kb / 11P
   0.7GHz ??1.0GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com